Electronic Components Datasheet Search
  English  ▼

X  

INA210A Datasheet(PDF) 14 Page - Texas Instruments

Part # INA210A
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA210A Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA210A Datasheet HTML 10Page - Texas Instruments INA210A Datasheet HTML 11Page - Texas Instruments INA210A Datasheet HTML 12Page - Texas Instruments INA210A Datasheet HTML 13Page - Texas Instruments INA210A Datasheet HTML 14Page - Texas Instruments INA210A Datasheet HTML 15Page - Texas Instruments INA210A Datasheet HTML 16Page - Texas Instruments INA210A Datasheet HTML 17Page - Texas Instruments INA210A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
INA21x
V+
OUT
GND
IN-
IN+
C
BYPASS
Shutdown
Control
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
1MW
R
PROTECT
10W
R
PROTECT
10W
R
3
1MW
R
4
INA210, INA211
INA212, INA213
INA214
SBOS437D – MAY 2008 – REVISED NOVEMBER 2012
www.ti.com
USING THE INA210 WITH COMMON-MODE TRANSIENTS ABOVE 26V
With a small amount of additional circuitry, the INA210-INA214 series can be used in circuits subject to transients
higher than 26V, such as automotive applications. Use only zener diode or zener-type transient absorbers
(sometimes referred to as Transzorbs)— any other type of transient absorber has an unacceptable time delay.
Start by adding a pair of resistors as shown in Figure 27 as a working impedance for the zener. It is desirable to
keep these resistors as small as possible, most often around 10
Ω. Larger values can be used with an effect on
gain that is discussed in the section on input filtering. Because this circuit is limiting only short-term transients,
many applications are satisfied with a 10
Ω resistor along with conventional zener diodes of the lowest power
rating that can be found. This combination uses the least amount of board space. These diodes can be found in
packages as small as SOT-523 or SOD-523.
Figure 27. INA210-INA214 Transient Protection Using Dual Zener Diodes
14
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com