Electronic Components Datasheet Search
  English  ▼

X  

INA210A Datasheet(PDF) 16 Page - Texas Instruments

Part # INA210A
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA210A Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA210A Datasheet HTML 12Page - Texas Instruments INA210A Datasheet HTML 13Page - Texas Instruments INA210A Datasheet HTML 14Page - Texas Instruments INA210A Datasheet HTML 15Page - Texas Instruments INA210A Datasheet HTML 16Page - Texas Instruments INA210A Datasheet HTML 17Page - Texas Instruments INA210A Datasheet HTML 18Page - Texas Instruments INA210A Datasheet HTML 19Page - Texas Instruments INA210A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
OUT
IN+
IN-
-
REF
GND
V+
1MW
1MW
R3
R4
+2.7V to +26V
Reference
Voltage
Shunt
Load
Supply
Output
0.01 F
to 0.1 F
m
m
MMZ1608B601C
0.01 F
to 0.1 F
m
m
Device
INA210, INA211
INA212, INA213
INA214
SBOS437D – MAY 2008 – REVISED NOVEMBER 2012
www.ti.com
IMPROVING TRANSIENT ROBUSTNESS
Applications involving large input transients with excessive dV/dt above 2kV per microsecond present at the
device input pins may cause damage to the internal ESD structures on version A devices. This potential damage
is a result of the internal latching of the ESD structure to ground when this transient occurs at the input. With
significant current available in most current-sensing applications, the large current flowing through the input
transient-triggered, ground-shorted ESD structure quickly results in damage to the silicon. External filtering can
be used to attenuate the transient signal prior to reaching the inputs to avoid the latching condition. Care must be
taken to ensure that external series input resistance does not significantly impact gain error accuracy. For
accuracy purposes, these resistances should be kept under 10
Ω if possible. Ferrite beads are recommended for
this filter because of their inherently low dc ohmic value. Ferrite beads with less than 10
Ω of resistance at dc and
over 600
Ω of resistance at 100MHz to 200MHz are recommended. The recommended capacitor values for this
filter are between 0.01µF and 0.1µF to ensure adequate attenuation in the high-frequency region. This protection
scheme is shown in Figure 29.
Figure 29. Transient Protection
To minimize the cost of adding these external components to protect the device in applications where large
transient signals may be present, version B devices are now available with new ESD structures that are not
susceptible to this latching condition. Version B devices are incapable of sustaining these damage causing
latched conditions so they do not have the same sensitivity to the transients that the version A devices have,
thus making the version B devices a better fit for these applications.
16
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com