Electronic Components Datasheet Search
  English  ▼

X  

LM335AM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM335AM
Description  LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM335AM Datasheet(HTML) 1 Page - Texas Instruments

  LM335AM Datasheet HTML 1Page - Texas Instruments LM335AM Datasheet HTML 2Page - Texas Instruments LM335AM Datasheet HTML 3Page - Texas Instruments LM335AM Datasheet HTML 4Page - Texas Instruments LM335AM Datasheet HTML 5Page - Texas Instruments LM335AM Datasheet HTML 6Page - Texas Instruments LM335AM Datasheet HTML 7Page - Texas Instruments LM335AM Datasheet HTML 8Page - Texas Instruments LM335AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160D – MAY 1999 – REVISED MARCH 2013
LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
Check for Samples: LM135, LM135A, LM235, LM235A, LM335, LM335A
1
FEATURES
•
Easily Calibrated
•
Wide Operating Temperature Range
2
•
Directly Calibrated in °Kelvin
•
200°C Overrange
•
1°C Initial Accuracy Available
•
Low Cost
•
Operates from 400
μA to 5 mA
•
Less than 1
Ω Dynamic Impedance
DESCRIPTION
The LM135 series are precision, easily-calibrated, integrated circuit temperature sensors. Operating as a 2-
terminal zener, the LM135 has a breakdown voltage directly proportional to absolute temperature at +10 mV/°K.
With less than 1
Ω dynamic impedance the device operates over a current range of 400 μA to 5 mA with virtually
no change in performance. When calibrated at 25°C the LM135 has typically less than 1°C error over a 100°C
temperature range. Unlike other sensors the LM135 has a linear output.
Applications for the LM135 include almost any type of temperature sensing over a
−55°C to 150°C temperature
range. The low impedance and linear output make interfacing to readout or control circuitry especially easy.
The LM135 operates over a
−55°C to 150°C temperature range while the LM235 operates over a −40°C to
125°C temperature range. The LM335 operates from
−40°C to 100°C. The LM135/LM235/LM335 are available
packaged in hermetic TO transistor packages while the LM335 is also available in plastic TO-92 packages.
Schematic Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM335AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM335AM NSC-LM335AM Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM335AM TI2-LM335AM Datasheet
1Mb / 33P
LMx35, LMx35A Precision Temperature Sensors
REVISED FEBRUARY 2015
LM335AM/NOPB TI2-LM335AM/NOPB Datasheet
1Mb / 33P
LMx35, LMx35A Precision Temperature Sensors
REVISED FEBRUARY 2015
logo
National Semiconductor ...
LM335AMX NSC-LM335AMX Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM335AMX TI2-LM335AMX Datasheet
1Mb / 33P
LMx35, LMx35A Precision Temperature Sensors
REVISED FEBRUARY 2015
More results

Similar Description - LM335AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
Precision Fahrenheit Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
LM34 TI1-LM34_16 Datasheet
1Mb / 27P
Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
Precision Wirewound Temperature Sensors
201907_002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com