Electronic Components Datasheet Search
  English  ▼

X  

LM335AM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM335AM
Description  LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM335AM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM335AM Datasheet HTML 7Page - Texas Instruments LM335AM Datasheet HTML 8Page - Texas Instruments LM335AM Datasheet HTML 9Page - Texas Instruments LM335AM Datasheet HTML 10Page - Texas Instruments LM335AM Datasheet HTML 11Page - Texas Instruments LM335AM Datasheet HTML 12Page - Texas Instruments LM335AM Datasheet HTML 13Page - Texas Instruments LM335AM Datasheet HTML 14Page - Texas Instruments LM335AM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160D – MAY 1999 – REVISED MARCH 2013
Figure 29. Centigrade Calibrated Thermocouple Thermometer
Terminate thermocouple reference junction in close proximity to LM335.
Adjustments:
1. Apply signal in place of thermocouple and adjust R3 for a gain of 245.7.
2. Short non-inverting input of LM308A and output of LM329B to ground.
3. Adjust R1 so that VOUT = 2.982V @ 25°C.
4. Remove short across LM329B and adjust R2 so that VOUT = 246 mV @ 25°C.
5. Remove short across thermocouple.
Figure 30. Fast Charger for Nickel-Cadmium Batteries
†Adjust D1 to 50 mV greater VZ than D2.
Charge terminates on 5°C temperature rise. Couple D2 to battery.
Figure 31. Differential Temperature Sensor
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com