Electronic Components Datasheet Search
  English  ▼

X  

LM2941 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941
Description  LM2941/LM2941C 1A Low Dropout Adjustable Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2941 Datasheet HTML 3Page - Texas Instruments LM2941 Datasheet HTML 4Page - Texas Instruments LM2941 Datasheet HTML 5Page - Texas Instruments LM2941 Datasheet HTML 6Page - Texas Instruments LM2941 Datasheet HTML 7Page - Texas Instruments LM2941 Datasheet HTML 8Page - Texas Instruments LM2941 Datasheet HTML 9Page - Texas Instruments LM2941 Datasheet HTML 10Page - Texas Instruments LM2941 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LM2941, LM2941C
www.ti.com
SNVS770G – JUNE 1999 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Output Capacitor ESR
Output at Voltage Extremes
Figure 15.
Figure 16.
Output at Voltage Extremes
Peak Output Current
Figure 17.
Figure 18.
Maximum Power Dissipation (TO-220)
Maximum Power Dissipation (TO-263)
Figure 19.
Figure 20.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com