Electronic Components Datasheet Search
  English  ▼

X  

LM2941 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941
Description  LM2941/LM2941C 1A Low Dropout Adjustable Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941 Datasheet(HTML) 1 Page - Texas Instruments

  LM2941 Datasheet HTML 1Page - Texas Instruments LM2941 Datasheet HTML 2Page - Texas Instruments LM2941 Datasheet HTML 3Page - Texas Instruments LM2941 Datasheet HTML 4Page - Texas Instruments LM2941 Datasheet HTML 5Page - Texas Instruments LM2941 Datasheet HTML 6Page - Texas Instruments LM2941 Datasheet HTML 7Page - Texas Instruments LM2941 Datasheet HTML 8Page - Texas Instruments LM2941 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ON/OFF
GND
INPUT
N/C
ADJ
GND
N/C
OUTPUT
1
3
4
2
6
5
7
8
GND*
* TIE TO GND OR LEAVE FLOATING
LM2941, LM2941C
www.ti.com
SNVS770G – JUNE 1999 – REVISED APRIL 2013
LM2941/LM2941C 1A Low Dropout Adjustable Regulator
Check for Samples: LM2941, LM2941C
1
FEATURES
DESCRIPTION
The LM2941 positive voltage regulator features the
2
•
WSON Space Saving Package
ability to source 1A of output current with a typical
•
Output Voltage Adjustable From 5V to 20V
dropout voltage of 0.5V and a maximum of 1V over
•
Dropout Voltage Typically 0.5V @ IO = 1A
the
entire
temperature
range.
Furthermore,
a
quiescent current reduction circuit has been included
•
Output Current in Excess of 1A
which reduces the ground pin current when the
•
Trimmed Reference Voltage
differential between the input voltage and the output
•
Reverse Battery Protection
voltage exceeds approximately 3V. The quiescent
current with 1A of output current and an input-output
•
Internal Short Circuit Current Limit
differential of 5V is therefore only 30mA. Higher
•
Mirror Image Insertion Protection
quiescent currents only exist when the regulator is in
•
P+ Product Enhancement Tested
the dropout mode (VIN − VOUT ≤ 3V).
•
TTL, CMOS Compatible ON/OFF Switch
Designed also for vehicular applications, the LM2941
and all regulated circuitry are protected from reverse
battery installations or two-battery jumps. During line
transients, such as load dump when the input voltage
can momentarily exceed the specified maximum
operating voltage, the regulator will automatically shut
down to protect both the internal circuits and the load.
Familiar regulator features such as short circuit and
thermal overload protection are also provided.
Connection Diagrams
TO-220 Plastic Package
8-Lead WSON Surface Mount Package
Figure 1. Top View
See Package Number KC
TO-263 Surface-Mount Package
Figure 3. Top View
See Package Number NGN
Figure 2. See Package Number KTT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2941

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
1A Low Dropout Adjustable Regulator
logo
List of Unclassifed Man...
LM2941 ETC-LM2941 Datasheet
196Kb / 5P
1.25A High Current Low Dropout
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941 TI1-LM2941 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
LM2941-MD8 TI1-LM2941-MD8 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
More results

Similar Description - LM2941

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
1A Low Dropout Adjustable Regulator
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G1117 GMT-G1117 Datasheet
293Kb / 9P
1A Adjustable Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
LM2941QML 1A Low Dropout Adjustable Regulator
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941 TI1-LM2941_16 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com