Electronic Components Datasheet Search
  English  ▼

X  

LM4889MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4889MA/NOPB
Description  1 Watt Audio Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4889MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4889MA/NOPB Datasheet HTML 1Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 2Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 3Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 4Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 5Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 6Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 7Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 8Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LM4889
www.ti.com
SNAS157H – APRIL 2002 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation(3)
Internally Limited
ESD Susceptibility(4)
2000V
ESD Susceptibility(5)
200V
Junction Temperature
150°C
Thermal Resistance
θJC (SOIC)
35°C/W
θJA (SOIC)
150°C/W
θJA (8 Bump DSBGA)
(6)
210°C/W
θJC (VSSOP)
56°C/W
θJA (VSSOP)
190°C/W
θJA (WSON)
220°C/W
Soldering Information
See the AN-1112 Application Report.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever
is lower. For the LM4889, see power derating currents for additional information.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(5)
Machine Model, 220 pF–240 pF discharged through all pins.
(6)
All bumps have the same thermal resistance and contribute equally when used to lower thermal resistance. The LM4889ITL demo board
(views featured in the Application Information section) has two inner layers, one for VDD and one for GND. The planes each measure
600mils x 600mils (15.24mm x 15.24mm) and aid in spreading heat due to power dissipation within the IC.
Operating Ratings
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.2V
≤ VDD ≤ 5.5V
Electrical Characteristics VDD = 5V
(1) (2)
The following specifications apply for VDD = 5V, AV = 2, and 8Ω load unless otherwise specified. Limits apply for TA = 25°C.
LM4889
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VIN = 0V, Io = 0A, no Load
4
8
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, with BTL Load
5
8
mA (max)
ISD
Shutdown Current
Vshutdown = GND
(6)
0.1
2
µA (max)
VSDIH
Shutdown Voltage Input High
1.2
V (min)
VSDIL
Shutdown Voltage Input Low
0.4
V (max)
Po
Output Power
THD = 2% (max); f = 1 kHz
1
W
THD+N
Total Harmonic Distortion+Noise
Po = 0.4 Wrms; f = 1kHz
0.1
%
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test or statistical analysis.
(6)
For DSBGA only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a
maximum of 2µA.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com