Electronic Components Datasheet Search
  English  ▼

X  

LM4889MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4889MA/NOPB
Description  1 Watt Audio Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4889MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4889MA/NOPB Datasheet HTML 9Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 10Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 11Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 12Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 13Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 14Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 15Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 16Page - Texas Instruments LM4889MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LM4889
www.ti.com
SNAS157H – APRIL 2002 – REVISED MAY 2013
Figure 30. Higher Gain Audio Amplifier
The LM4889 is unity-gain stable and requires no external components besides gain-setting resistors, an input
coupling capacitor, and proper supply bypassing in the typical application. However, if a closed-loop differential
gain of greater than 10 is required, a feedback capacitor (C4) may be needed as shown in Figure 30 to
bandwidth limit the amplifier. This feedback capacitor creates a low pass filter that eliminates possible high
frequency oscillations. Care should be taken when calculating the -3dB frequency in that an incorrect
combination of R3 and C4 will cause rolloff before 20kHz. A typical combination of feedback resistor and
capacitor that will not produce audio band high frequency rolloff is R3 = 20kΩ and C4 = 25pf. These components
result in a -3dB point of approximately 320kHz.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com