Electronic Components Datasheet Search
  English  ▼

X  

LM5642 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5642
Description  LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5642 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5642 Datasheet HTML 9Page - Texas Instruments LM5642 Datasheet HTML 10Page - Texas Instruments LM5642 Datasheet HTML 11Page - Texas Instruments LM5642 Datasheet HTML 12Page - Texas Instruments LM5642 Datasheet HTML 13Page - Texas Instruments LM5642 Datasheet HTML 14Page - Texas Instruments LM5642 Datasheet HTML 15Page - Texas Instruments LM5642 Datasheet HTML 16Page - Texas Instruments LM5642 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
0
1
2
3
4
5
LOAD CURRENT (A)
VIN = 24V
VIN = 36V
50
60
70
80
90
100
0
1
2
3
4
5
LOAD CURRENT (A)
VIN = 24V
VIN = 36V
50
60
70
80
90
100
0
1
2
3
4
5
6
7
LOAD CURRENT (A)
VIN = 24V
VIN = 36V
30
40
50
60
70
80
90
100
LM5642, LM5642X
www.ti.com
SNVS219K – JUNE 2003 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Efficiency vs Load Current
Efficiency vs Load Current Using Vds Sense
Ch.2 = 3.3V, Ch.1 = Off
Ch.2 = 1.8V, Ch.2 = Off
Figure 22.
Figure 23.
Efficiency vs Load Current Using Vds Sense
Ch.2 = 3.3V, Ch.1 = Off
Figure 24.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5642 LM5642X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com