Electronic Components Datasheet Search
  English  ▼

X  

LM5642 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5642
Description  LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5642 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5642 Datasheet HTML 17Page - Texas Instruments LM5642 Datasheet HTML 18Page - Texas Instruments LM5642 Datasheet HTML 19Page - Texas Instruments LM5642 Datasheet HTML 20Page - Texas Instruments LM5642 Datasheet HTML 21Page - Texas Instruments LM5642 Datasheet HTML 22Page - Texas Instruments LM5642 Datasheet HTML 23Page - Texas Instruments LM5642 Datasheet HTML 24Page - Texas Instruments LM5642 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
4
8
12
16
20
24
28
32
36
VIN
0
5
10
15
20
25
30
35
Operating Region
Vout
R2
FBx
GND
R1
LM5642, LM5642X
www.ti.com
SNVS219K – JUNE 2003 – REVISED APRIL 2013
Figure 31. Output Voltage Setting
Example: Vnom = 5V, Vfb = 1.2364V, Ifbmax = 200nA.
(8)
Choose 60K
(9)
The Cycle Skip and Dropout modes of the LM5642 series regulate the minimum and maximum output
voltage/duty cycle that the converter can deliver. Both modes check the voltage at the COMP pin. Minimum
output voltage is determined by the Cycle Skip Comparator. This circuitry skips the high side FET ON pulse
when the COMP pin voltage is below 0.5V at the beginning of a cycle. The converter will continue to skip every
other pulse until the duty cycle (and COMP pin voltage) rise above 0.5V, effectively halving the switching
frequency.
Maximum output voltage is determined by the Dropout circuitry, which skips the low side FET ON pulse
whenever the COMP pin voltage exceeds the ramp voltage derived from the current sense. Up to three low side
pulses may be skipped in a row before a minimum on-time pulse must be applied to the low side FET.
Figure 32 shows the range of ouput voltage (for Io = 3A) with respect to input voltage that will keep the converter
from entering either Skip Cycle or Dropout mode.
For input voltages below 5.5V, VLIN5 must be connected to Vin through a small resistor (approximately 4.7
ohm). This will ensure that VLIN5 does not fall below the UVLO threshold.
Figure 32. Output Voltage Range
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5642 LM5642X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com