Electronic Components Datasheet Search
  English  ▼

X  

LMC555CM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555CM
Description  LMC555 CMOS Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC555CM Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC555CM Datasheet HTML 2Page - Texas Instruments LMC555CM Datasheet HTML 3Page - Texas Instruments LMC555CM Datasheet HTML 4Page - Texas Instruments LMC555CM Datasheet HTML 5Page - Texas Instruments LMC555CM Datasheet HTML 6Page - Texas Instruments LMC555CM Datasheet HTML 7Page - Texas Instruments LMC555CM Datasheet HTML 8Page - Texas Instruments LMC555CM Datasheet HTML 9Page - Texas Instruments LMC555CM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LMC555
SNAS558J – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
MONOSTABLE OPERATION
In this mode of operation, the timer functions as a one-shot (Figure 5). The external capacitor is initially held
discharged by internal circuitry. Upon application of a negative trigger pulse of less than 1/3 VS to the Trigger
terminal, the flip-flop is set which both releases the short circuit across the capacitor and drives the output high.
Figure 5. Monostable (One-Shot)
The voltage across the capacitor then increases exponentially for a period of tH = 1.1 RAC, which is also the time
that the output stays high, at the end of which time the voltage equals 2/3 VS. The comparator then resets the
flip-flop which in turn discharges the capacitor and drives the output to its low state. Figure 6 shows the
waveforms generated in this mode of operation. Since the charge and the threshold level of the comparator are
both directly proportional to supply voltage, the timing internal is independent of supply.
VCC = 5V
Top Trace: Input 5 V/Div.
TIME = 0.1 ms/Div.
Middle Trace: Output 5 V/Div.
RA = 9.1 kΩ
Bottom Trace: Capacitor Voltage 2 V/Div.
C = 0.01 µF
Figure 6. Monostable Waveforms
Reset overrides Trigger, which can override threshold. Therefore the trigger pulse must be shorter than the
desired tH. The minimum pulse width for the Trigger is 20ns, and it is 400ns for the Reset. During the timing cycle
when the output is high, the further application of a trigger pulse will not effect the circuit so long as the trigger
input is returned high at least 10µs before the end of the timing interval. However the circuit can be reset during
this time by the application of a negative pulse to the reset terminal. The output will then remain in the low state
until a trigger pulse is again applied.
When the reset function is not use, it is recommended that it be connected to V+ to avoid any possibility of false
triggering. Figure 7 is a nomograph for easy determination of RC values for various time delays.
NOTE
In monstable operation, the trigger should be driven high before the end of timing cycle.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com