Electronic Components Datasheet Search
  English  ▼

X  

LMC555CM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555CM
Description  LMC555 CMOS Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC555CM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC555CM Datasheet HTML 5Page - Texas Instruments LMC555CM Datasheet HTML 6Page - Texas Instruments LMC555CM Datasheet HTML 7Page - Texas Instruments LMC555CM Datasheet HTML 8Page - Texas Instruments LMC555CM Datasheet HTML 9Page - Texas Instruments LMC555CM Datasheet HTML 10Page - Texas Instruments LMC555CM Datasheet HTML 11Page - Texas Instruments LMC555CM Datasheet HTML 12Page - Texas Instruments LMC555CM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LMC555
www.ti.com
SNAS558J – FEBRUARY 2000 – REVISED MARCH 2013
FREQUENCY DIVIDER
The monostable circuit of Figure 5 can be used as a frequency divider by adjusting the length of the timing cycle.
Figure 11 shows the waveforms generated in a divide by three circuit.
VCC = 5V
Top Trace: Input 4 V/Div.
TIME = 20 µs/Div.
Middle Trace: Output 2 V/Div.
RA = 9.1 kΩ
Bottom Trace: Capacitor 2 V/Div.
C = 0.01 µF
Figure 11. Frequency Divider Waveforms
PULSE WIDTH MODULATOR
When the timer is connected in the monostable mode and triggered with a continuous pulse train, the output
pulse width can be modulated by a signal applied to the Control Voltage Terminal. Figure 12 shows the circuit,
and in Figure 13 are some waveform examples.
Figure 12. Pulse Width Modulator
VCC = 5V
Top Trace: Modulation 1 V/Div.
TIME = 0.2 ms/Div.
Bottom Trace: Output Voltage 2 V/Div.
RA = 9.1 kΩ
C = 0.01 µF
Figure 13. Pulse Width Modulator Waveforms
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com