Electronic Components Datasheet Search
  English  ▼

X  

OPA705NA/3K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA705NA/3K
Description  Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA705NA/3K Datasheet(HTML) 1 Page - Texas Instruments

  OPA705NA/3K Datasheet HTML 1Page - Texas Instruments OPA705NA/3K Datasheet HTML 2Page - Texas Instruments OPA705NA/3K Datasheet HTML 3Page - Texas Instruments OPA705NA/3K Datasheet HTML 4Page - Texas Instruments OPA705NA/3K Datasheet HTML 5Page - Texas Instruments OPA705NA/3K Datasheet HTML 6Page - Texas Instruments OPA705NA/3K Datasheet HTML 7Page - Texas Instruments OPA705NA/3K Datasheet HTML 8Page - Texas Instruments OPA705NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
OPA705
OPA2705
OPA4705
Low-Cost, CMOS, Rail-to-Rail, I/O
OPERATIONAL AMPLIFIERS
FEATURES
q RAIL-TO-RAIL INPUT AND OUTPUT
q WIDE SUPPLY RANGE:
Single Supply: 4V to 12V
Dual Supplies:
±2 to ±6
q LOW QUIESCENT CURRENT: 160
µA
q LIMITED RANGE CMRR: 96dB
q LOW OFFSET: 0.5mV
q HIGH SPEED: 1MHz, 0.6V/
µs
q MicroSIZE PACKAGES:
SOT23-5, MSOP-8, TSSOP-14
q LOW INPUT BIAS CURRENT: 1pA
APPLICATIONS
q AUTOMOTIVE APPLICATIONS:
Audio, Sensor Applications, Security Systems
q PORTABLE EQUIPMENT
q ACTIVE FILTERS
q TRANSDUCER AMPLIFIER
q TEST EQUIPMENT
q DATA ACQUISITION
DESCRIPTION
The OPA705 series low-cost op amps are optimized for appli-
cations requiring rail-to-rail input and output swing. Single,
dual, and quad versions are offered in a variety of packages.
While the quiescent current is less than 200
µA per amplifier,
the OPA705 still offers excellent dynamic performance
(1MHz GBW and 0.6V/
µs SR) and unity-gain stability.
The OPA705 series is fully specified and guaranteed over
the supply range of
±2V to ±6V. Input swing extends
300mV beyond the rail and the output swings to within
40mV of the rail.
The single version (OPA705) is available in the MicroSIZE
SOT23-5 and in the standard SO-8 surface-mount packages.
The dual version (OPA2705) is available in the MSOP-8,
SO-8, and DIP-8 packages. The quad OPA4705 is available
in the TSSOP-14 and SO-14 packages. All are specified for
operation from –40
°C to +85°C.
1
2
3
5
4
V+
–In
Out
V–
+In
OPA705
SOT23-5
1
2
3
4
8
7
6
5
NC
V+
Out
NC
NC
–In
+In
V–
OPA705
SO-8, DIP-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2705
MSOP-8, SO-8, DIP-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4705
TSSOP-14, SO-14
AD
BC
SBOS182A – JUNE 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
®
OPA705
OPA7
05
OPA7
05
OPA7
05


Similar Part No. - OPA705NA/3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA705NA/3K BURR-BROWN-OPA705NA/3K Datasheet
280Kb / 12P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705NA/3K TI1-OPA705NA/3K Datasheet
837Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA705NA/3K TI2-OPA705NA/3K Datasheet
399Kb / 16P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
JUNE 2001
OPA705NA/3K TI2-OPA705NA/3K Datasheet
401Kb / 16P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
JUNE 2001
OPA705NA/3K.B TI2-OPA705NA/3K.B Datasheet
399Kb / 16P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
JUNE 2001
More results

Similar Description - OPA705NA/3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com