Electronic Components Datasheet Search
  English  ▼

X  

OPA705NA/3K Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA705NA/3K
Description  Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA705NA/3K Datasheet(HTML) 2 Page - Texas Instruments

  OPA705NA/3K Datasheet HTML 1Page - Texas Instruments OPA705NA/3K Datasheet HTML 2Page - Texas Instruments OPA705NA/3K Datasheet HTML 3Page - Texas Instruments OPA705NA/3K Datasheet HTML 4Page - Texas Instruments OPA705NA/3K Datasheet HTML 5Page - Texas Instruments OPA705NA/3K Datasheet HTML 6Page - Texas Instruments OPA705NA/3K Datasheet HTML 7Page - Texas Instruments OPA705NA/3K Datasheet HTML 8Page - Texas Instruments OPA705NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
OPA705, 2705, 4705
2
SBOS182A
MINIMUM
PACKAGE
RECOMMENDED
DRAWING
PACKAGE
ORDERING
TRANSPORT
PRODUCT
DESCRIPTION
GAIN
PACKAGE
NUMBER
MARKING
NUMBER(1)
MEDIA
OPA705NA
Single, GBW = 1MHz
1
SOT23-5
331
A05
OPA705NA/250
Tape and Reel
""
"
"
"
"
OPA705NA/3K
Tape and Reel
OPA705UA
Single, GBW = 1MHz
1
SO-8
182
OPA705UA
OPA705UA
Rails
""
"
"
"
"
OPA705UA/2K5
Tape and Reel
OPA705PA
Single, GBW = 1MHz
1
DIP-8
006
OPA705PA
OPA705PA
Rails
OPA2705EA
Dual, GBW = 1MHz
1
MSOP-8
337
B05
OPA2705EA/250
Tape and Reel
""
"
"
"
"
OPA2705EA/2K5
Tape and Reel
OPA2705UA
Dual, GBW = 1MHz
1
SO-8
182
OPA2705UA
OPA2705UA
Rails
""
"
"
"
"
OPA2705UA/2K5
Tape and Reel
OPA2705PA
Dual, GBW = 1MHz
1
DIP-8
006
OPA2705PA
OPA2705PA
Rails
OPA4705EA
Quad, GBW = 1MHz
1
TSSOP-14
357
OPA4705EA
OPA4705EA/250
Tape and Reel
""
"
"
"
"
OPA4705EA/2K5
Tape and Reel
OPA4705UA
Quad, GBW = 1MHz
1
SO-14
235
OPA4705UA
OPA4705UA
Rails
""
"
"
"
"
OPA4705UA/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /3K indicates 3000 devices per reel). Ordering 3000 pieces
of “OPA705NA/3K” will get a single 3000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
Supply Voltage, V+ to V– ................................................................. 13.2V
Signal Input Terminals, Voltage(2) ..................... (V–) –0.3V to (V+) +0.3V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may
degrade device reliability. (2) Input terminals are diode-clamped to the power
supply rails. Input signals that can swing more than 0.3V beyond the supply
rails should be current-limited to 10mA or less. (3) Short-circuit to ground,
one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com