Electronic Components Datasheet Search
  English  ▼

X  

PWC Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # PWC
Description  Pulse Withstanding Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PWC Datasheet(HTML) 2 Page - Welwyn Components Limited

  PWC_13 Datasheet HTML 1Page - Welwyn Components Limited PWC_13 Datasheet HTML 2Page - Welwyn Components Limited PWC_13 Datasheet HTML 3Page - Welwyn Components Limited PWC_13 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pulse Withstanding
Chip Resistors
PWC Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
05.13
Pulse Withstanding
Chip Resistors
PWC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07. 08
Performance Data
Welwyn Components
Pulse Performance Data
Lightning Surge
lightning surge resistors are tested in
accordance with IEC 60 115-1 using
both 1.2/50µs and 10/700µs pulse shapes.
10 pulses are applied. The limit of
acceptance is a shift in resistance of less
than 1% from the initial value.
Size
Maximum
Typical
Load at rated power: 1000 hours at 70°C
ΔR%
1
0.25
Shelf life test: 12 months at room temperature
ΔR%
0.1
0.02
Derating from rated power at 70°C
Zero at 155°C
Overload: 6.25 x rated power for 2 seconds
ΔR%
1
0.1
Dry heat: 1000 hours at 155°C
ΔR%
1
0.2
Long term damp heat
ΔR%
1
0.25
Temperature rapid change
ΔR%
0.25
0.05
Resistance to solder heat
ΔR%
0.25
0.05
Resistance to sulphur-bearing gas (AS version only): ASTM-B-809
0.25
0.05
Voltage proof
Volts
500
Note: A 0.01 Ohm addition to be added to the performance of all resistors <10 Ohms.
Pulse Performance Data
PWC Series Issue January 2009
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
1.2/50 µS Lightning Surge
10
100
1000
10000
1
10
100
1000
10000
100000
1000000
10000000
Resistance (ohms)
0805
1206
2010
2512
10/700 µS Lightning Surge
10
100
1000
10000
1
10
100
1000
10000
100000
1000000
10000000
Resistance (ohms)
2512
2010
1206
0805
Pulse Withstanding
Chip Resistors
Lighting Surge
Resistors are tested in accordance with IEC 60 115-1 using both 1.2/50s and 10/700s pulse shapes. The limit of acceptance
is a shift in resistance of less than 1% from the initial value.
Pulse Performance Data
PWC Series Issue January 2009
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
1.2/50 µS Lightning Surge
10
100
1000
10000
1
10
100
1000
10000
100000
1000000
10000000
Resistance (ohms)
0805
1206
2010
2512
10/700 µS Lightning Surge
10
100
1000
10000
1
10
100
1000
10000
100000
1000000
10000000
Resistance (ohms)
2512
2010
1206
0805
Pulse Withstanding
Chip Resistors
Lighting Surge
Resistors are tested in accordance with IEC 60 115-1 using both 1.2/50s and 10/700s pulse shapes. The limit of acceptance
is a shift in resistance of less than 1% from the initial value.
Pulse Performance Data
Lightning Surge
lightning surge resistors are tested in accordance with IEC 60 115-1 using both 1.2/50µs and 10/700µs pulse shapes. 10 pulses are applied. The
limit of acceptance is a shift in resistance of less than 1% from the initial value.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com