Electronic Components Datasheet Search
  English  ▼

X  

PWC Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # PWC
Description  Pulse Withstanding Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PWC Datasheet(HTML) 3 Page - Welwyn Components Limited

  PWC_13 Datasheet HTML 1Page - Welwyn Components Limited PWC_13 Datasheet HTML 2Page - Welwyn Components Limited PWC_13 Datasheet HTML 3Page - Welwyn Components Limited PWC_13 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pulse Withstanding
Chip Resistors
PWC Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
05.13
Single Impulse
The single impulse graph is the result of 50 impulses of rectangular shape applied at one minute intervals. The limit of acceptance was a shift in
resistance of less than 1% from the initial value.
Continuous Load Due to Repetitive Pulses
The continuous load graph was obtained by applying repetitive rectangular pulses where the pulse period was adjusted so that the average
power dissipated in the resistor was equal to its rated power at 70°C. Again the limit of acceptance was a shift in resistance of less than 1%
from the initial value
PWC Series Issue January 2009
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Pulse Voltage
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
Pulse Duration (seconds)
0805
1206
2010
2512
Continuous Pulses
0.1
1
10
100
0.0001
0.001
0.01
0.
1
1
Pulse Duration (seconds)
0805
1206
2010
2512
Single Pulse
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Pulse duration (seconds)
0805
1206
2010
2512
Single impulse:
The single impulse graph is
the result of 50 impulses of
rectangular shape applied at
one minute intervals. The
limit of acceptance was a
shift in resistance of less
than 1% from the initial
value. The power applied
was subject to the
restrictions of the maximum
permissible impulse voltage
graph shown.
Continuous load due to
repetitive pulses:
The continuous load graph
was obtained by applying
repetitive rectangular pulses
where the pulse period was
adjusted so that the
average power dissipated
in the resistor was equal
to its rated power at 70°C.
Again the limit of acceptance
was a shift in resistance of
less than 1% from the initial
value.
Pulse Withstanding
Chip Resistors
Pulse Performance Data
PWC Series Issue January 2009
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Pulse Voltage
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
Pulse Duration (seconds)
0805
1206
2010
2512
Continuous Pulses
0.1
1
10
100
0.0001
0.001
0.01
0.
1
1
Pulse Duration (seconds)
0805
1206
2010
2512
Single Pulse
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Pulse duration (seconds)
0805
1206
2010
2512
Single impulse:
The single impulse graph is
the result of 50 impulses of
rectangular shape applied at
one minute intervals. The
limit of acceptance was a
shift in resistance of less
than 1% from the initial
value. The power applied
was subject to the
restrictions of the maximum
permissible impulse voltage
graph shown.
Continuous load due to
repetitive pulses:
The continuous load graph
was obtained by applying
repetitive rectangular pulses
where the pulse period was
adjusted so that the
average power dissipated
in the resistor was equal
to its rated power at 70°C.
Again the limit of acceptance
was a shift in resistance of
less than 1% from the initial
value.
Pulse Withstanding
Chip Resistors
Pulse Performance Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com