Electronic Components Datasheet Search
  English  ▼

X  

RT17017 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RT17017
Description  Accessories Industrial Power Relay RT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT17017 Datasheet(HTML) 1 Page - Tyco Electronics

  RT17017 Datasheet HTML 1Page - Tyco Electronics RT17017 Datasheet HTML 2Page - Tyco Electronics RT17017 Datasheet HTML 3Page - Tyco Electronics RT17017 Datasheet HTML 4Page - Tyco Electronics RT17017 Datasheet HTML 5Page - Tyco Electronics RT17017 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet Rev. JI1
Issued 2010/09
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
SCHRACK
Accessories Industrial Power Relay RT
n For Industrial Power Relay RT
pinnings 3.5mm / 5mm; relay height 15.7 mm
n New retainer clip with ejection function
n Easy replacement of relays on a densely packed DIN rail
n No reduction of protection class or creepage/clearance with
plastic retainer
n Simple plug-in indicator- and protection modules
n White snap-on marking tags
n RoHS compliant (Directive 2002/95/EC)
F0228-G
Premium socket with screwless terminals for DIN rail mounting
Approvals
V REG.-Nr. 6106, Z E135149
Technical data
Rated voltage / max. switching voltage AC
240 / 400 VAC
Rated current
2 x 8 A, 16 A*)
Dielectric strength coil-contact circuit
5000 Vrms
open contact circuit
1000 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 10 / 10 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
adjacent contact circuits
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
RoHS - Directive 2002/95/EC
compliant
RT 78 72P Premium socket, logical terminal arrangement
n Screwless Clamps
n Mounting of solid wires without tool
n Double Clamps per terminal
n Jumper links for interconnection
n Open coil circuit for active modules
n Logical terminal arrangement
n
Not suitable for bistable relays with 2 coils!
*) For 1 pole relays (16 A) the relay
terminals 11-21, 12-22 and 14-24 have to
be bridged.
S0545-CA


Similar Part No. - RT17017

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT17016 MACOM-RT17016 Datasheet
212Kb / 3P
Accessories Industrial Power Relay RT / RP / SR2M
RT17016 MACOM-RT17016 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
More results

Similar Description - RT17017

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM78704 MACOM-RM78704 Datasheet
160Kb / 4P
Accessories Power Relay RM
RT78724 MACOM-RT78724 Datasheet
212Kb / 3P
Accessories Industrial Power Relay RT / RP / SR2M
RT114024 MACOM-RT114024_05 Datasheet
211Kb / 3P
Interface Power Relay RT
RT114024 MACOM-RT114024_08 Datasheet
267Kb / 3P
Interface Power Relay RT
RT17016 MACOM-RT17016 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1393844-3 MACOM-2-1393844-3 Datasheet
206Kb / 3P
Accessories Power Relay RM
2-1415074-1 MACOM-2-1415074-1 Datasheet
237Kb / 3P
Relay Package RT
2-1419108-1 MACOM-2-1419108-1 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-2 MACOM-2-1419108-2 Datasheet
207Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-3 MACOM-2-1419108-3 Datasheet
201Kb / 4P
Accessories Industrial Power Relay RT / RP / SR2M
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com