Electronic Components Datasheet Search
  English  ▼

X  

RT17017 Datasheet(PDF) 4 Page - Tyco Electronics

Part # RT17017
Description  Accessories Industrial Power Relay RT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT17017 Datasheet(HTML) 4 Page - Tyco Electronics

  RT17017 Datasheet HTML 1Page - Tyco Electronics RT17017 Datasheet HTML 2Page - Tyco Electronics RT17017 Datasheet HTML 3Page - Tyco Electronics RT17017 Datasheet HTML 4Page - Tyco Electronics RT17017 Datasheet HTML 5Page - Tyco Electronics RT17017 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Datasheet Rev. JI1
Issued 2010/09
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
4
Accessories Industrial Power Relay RT (Continued)
Technical data (Continued)
RT 78 724 / RT 78 726
RT 78 725
Terminals
screw
Terminal screw torque acc. IEC 61984
0.5 Nm
max.
0.7 Nm
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
W 0, dense packing
Weight
36 g
Packaging unit
10 pcs
Socket with screw-type terminals for DIN rail mounting
Type
Part Number
RT 78 724
Socket with screw-type terminals,
pinning 3.5 mm for DIN rail mounting,
logical terminal arrangement
8-1415035-1
RT 78 726
Socket with screw-type terminals,
pinning 5 mm for DIN rail mounting,
logical terminal arrangement
6-1415035-1
RT 78 725
Socket with screw-type terminals,
pinning 5 mm for DIN rail mounting,
conventional terminal arrangement
1860306-1
Accessories for RT 78 724, RT 78 725, RT 78 726
Type
Part Number
RT 17 017
Plastic retaining clip, relay height 15.7
2022103-1
RT 17 040
Marking tag
2-1415038-1
RT 17 0R8
Jumper bar, max load 12 A
1860517-8
for connection of up to 8 RT sockets
Marking tags
n
White marking area 15.5 x 6 mm
n
Snaps on socket in up to 4 positions
S0416-BC
S0540-AC
S0559-AR
Jumper bar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com