Electronic Components Datasheet Search
  English  ▼

X  

TSB81BA3DI Datasheet(PDF) 33 Page - Texas Instruments

Part # TSB81BA3DI
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3DI Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSB81BA3DI Datasheet HTML 29Page - Texas Instruments TSB81BA3DI Datasheet HTML 30Page - Texas Instruments TSB81BA3DI Datasheet HTML 31Page - Texas Instruments TSB81BA3DI Datasheet HTML 32Page - Texas Instruments TSB81BA3DI Datasheet HTML 33Page - Texas Instruments TSB81BA3DI Datasheet HTML 34Page - Texas Instruments TSB81BA3DI Datasheet HTML 35Page - Texas Instruments TSB81BA3DI Datasheet HTML 36Page - Texas Instruments TSB81BA3DI Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a−2000 INTERFACE)
status transfer
A status transfer is initiated by the PHY when there is status information to be transferred to the LLC. The PHY
waits until the interface is idle before starting the transfer. The transfer is initiated by the PHY asserting status
(01b) on the CTL terminals, along with the first two bits of status information on the D[0:1] terminals. The PHY
maintains CTL = Status for the duration of the status transfer. The PHY may prematurely end a status transfer
by asserting something other than status on the CTL terminals. This occurs if a packet is received before the
status transfer completes. The PHY continues to attempt to complete the transfer until all status information has
been successfully transmitted. There is at least one idle cycle between consecutive status transfers.
The PHY normally sends just the first 4 bits of status to the LLC. These bits are status flags that are needed
by the LLC state machines. The PHY sends an entire 16-bit status packet to the LLC after a read register
request, or when the PHY has pertinent information to send to the LLC or transaction layers. The only defined
condition where the PHY automatically sends a register to the LLC is after self-ID, where the PHY sends the
physical-ID register that contains the new node address. All status transfers are either 4 or 16 bits unless
interrupted by a received packet. The status flags are considered to have been successfully transmitted to the
LLC immediately upon being sent, even if a received packet subsequently interrupts the status transfer. Register
contents are considered to have been successfully transmitted only when all 8 bits of the register have been
sent. A status transfer is retried after being interrupted only if any status flags remain to be sent, or if a register
transfer has not yet completed.
Table 19 shows the definition of the bits in the status transfer and Figure 12 shows the timing.
Table 19. Status Bits
BIT(s)
NAME
DESCRIPTION
0
Arbitration reset gap
Indicates that the PHY has detected that the bus has been idle for an arbitration reset gap time (as defined in
the IEEE 1394a−2000 standard). This bit is used by the LLC in the busy/retry state machine.
1
Subaction gap
Indicates that the PHY has detected that the bus has been idle for a subaction gap time (as defined in the
IEEE 1394a−2000 standard). This bit is used by the LLC to detect the completion of an isochronous cycle.
2
Bus reset
Indicates that the PHY has entered the bus reset state
3
Interrupt
Indicates that a PHY interrupt event has occurred. An interrupt event may be a configuration time-out, a
cable-power voltage falling too low, a state time-out, or a port status change.
4−7
Address
This field holds the address of the PHY register whose contents are being transferred to the LLC
8−15
Data
This field holds the register contents
00
(a)
01
(b)
00
00
S[14:15]
S[0:1]
D0, D1
CTL0, CTL1
SYSCLK
00
Figure 12. Status Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com