Electronic Components Datasheet Search
  English  ▼

X  

TPS51116RGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116RGET
Description  COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116RGET Datasheet(HTML) 2 Page - Texas Instruments

  TPS51116RGET Datasheet HTML 1Page - Texas Instruments TPS51116RGET Datasheet HTML 2Page - Texas Instruments TPS51116RGET Datasheet HTML 3Page - Texas Instruments TPS51116RGET Datasheet HTML 4Page - Texas Instruments TPS51116RGET Datasheet HTML 5Page - Texas Instruments TPS51116RGET Datasheet HTML 6Page - Texas Instruments TPS51116RGET Datasheet HTML 7Page - Texas Instruments TPS51116RGET Datasheet HTML 8Page - Texas Instruments TPS51116RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
TPS51116
SLUS609H – MAY 2004 – REVISED JULY 2009................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
MINIMUM
ORDERABLE PART
OUTPUT
TA
PACKAGE
PINS
ORDER
NUMBER
SUPPLY
QUANTITY
TPS51116PWP
Tube
70
PLASTIC HTSSOP
TPS51116PWPR
20
Tape-and-reel
2000
PowerPAD (PWP)
TPS51116PWPRG4
Tape-and-reel
2000
TPS51116RGE
Tube
90
-40°C to 85°C
Large
PLASTIC QUAD FLAT
TPS51116RGER
3000
24
tape-and-reel
PACK (QFN)
Small
TPS51116RGET
250
tape-and-reel
(1)
All packaging options have Cu NIPDAU lead/ball finish.
over operating free-air temperature range unless otherwise noted
TPS51116
UNITS
VBST
-0.3 to 36
VBST wrt LL
-0.3 to 6
VIN
Input voltage range
V
CS, MODE, S3, S5, VTTSNS, VDDQSNS, V5IN, VLDOIN, VDDQSET,
-0.3 to 6
V5FILT
PGND, VTTGND, CS_GND
-0.3 to 0.3
DRVH
-1.0 to 36
VOUT
Output voltage range
LL
-1.0 to 30
V
COMP, DRVL, PGOOD, VTT, VTTREF
-0.3 to 6
TA
Operating ambient temperature range
-40 to 85
°C
Tstg
Storage temperature
-55 to 150
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
DERATING FACTOR ABOVE TA =
TA < 25°C POWER RATING
TA = 85°C POWER RATING
PACKAGE
25°C
(W)
(W)
(mW/°C)
20-pin PWP
2.53
25.3
1.01
24-pin RGE
2.20
22.0
0.88
2
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS51116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com