Electronic Components Datasheet Search
  English  ▼

X  

TPS51116RGET Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116RGET
Description  COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116RGET Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS51116RGET Datasheet HTML 17Page - Texas Instruments TPS51116RGET Datasheet HTML 18Page - Texas Instruments TPS51116RGET Datasheet HTML 19Page - Texas Instruments TPS51116RGET Datasheet HTML 20Page - Texas Instruments TPS51116RGET Datasheet HTML 21Page - Texas Instruments TPS51116RGET Datasheet HTML 22Page - Texas Instruments TPS51116RGET Datasheet HTML 23Page - Texas Instruments TPS51116RGET Datasheet HTML 24Page - Texas Instruments TPS51116RGET Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
ESR +
V
OUT
0.015
I
RIPPLE
0.75
[
VOUT
I
OUT(max)
60 [mW]
(25)
Thermal Design
W
DSRC + VVLDOIN * VVTT
I
VTT
(26)
W
DSNK + VVTT
I
VTT
(27)
W
PKG +
T
J(max) * TA(max)
qJA
(28)
TPS51116
www.ti.com................................................................................................................................................................ SLUS609H – MAY 2004 – REVISED JULY 2009
The external components selection is much simple in D-CAP™ mode.
1. Choose inductor. This section is the same as the current mode. Please refer to the instructions in the
Current Mode Operation section.
2. Choose output capacitor(s).Organic semiconductor capacitor(s) or specialty polymer capacitor(s) are
recommended. Determine ESR to meet required ripple voltage above. A quick approximation is shown in
Equation 25.
Primary power dissipation of TPS51116 is generated from VTT regulator. VTT current flow in both source and
sink directions generate power dissipation from the part. In the source phase, potential difference between
VLDOIN and VTT times VTT current becomes the power dissipation, WDSRC.
In this case, if VLDOIN is connected to an alternative power supply lower than VDDQ voltage, power loss can be
decreased.
For the sink phase, VTT voltage is applied across the internal LDO regulator, and the power dissipation, WDSNK,
is calculated by Equation 27:
Since this device does not sink AND source the current at the same time and IVTT varies rapidly with time, actual
power dissipation need to be considered for thermal design is an average of above value. Another power
consumption is the current used for internal control circuitry from V5IN supply and VLDOIN supply. V5IN
supports both the internal circuit and external MOSFETs drive current. The former current is in the VLDOIN
supply can be estimated as 1.5 mA or less at normal operational conditions.
These powers need to be effectively dissipated from the package. Maximum power dissipation allowed to the
package is calculated by Equation 28,
where
• T
J(max) is 125°C
• T
A(max) is the maximum ambient temperature in the system
• θ
JA is the thermal resistance from the silicon junction to the ambient
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS51116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com