Electronic Components Datasheet Search
  English  ▼

X  

IXTH200N075T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH200N075T
Description  Preliminary Technical Information Trench Gate Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH200N075T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH200N075T Datasheet HTML 1Page - IXYS Corporation IXTH200N075T Datasheet HTML 2Page - IXYS Corporation IXTH200N075T Datasheet HTML 3Page - IXYS Corporation IXTH200N075T Datasheet HTML 4Page - IXYS Corporation IXTH200N075T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH200N075T
IXTQ200N075T
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 60 A, Note 1
70
110
S
C
iss
6800
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1040
pF
C
rss
190
pF
t
d(on)
Resistive Switching Times
31
n s
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 25 A
57
ns
t
d(off)
R
G = 5 Ω (External)
54
ns
t
f
52
n s
Q
g(on)
160
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 25 A
35
nC
Q
gd
43
nC
R
thJC
0.35
°C/W
R
thCH
TO-3P
0.25
°C/W
TO-247
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0 V
200
A
I
SM
Pulse width limited by T
JM
540
A
V
SD
I
F = 25 A, VGS = 0 V, Note 1
1.0
V
t
rr
I
F = 25 A, -di/dt = 100 A/μs50
ns
V
R = 40 V, VGS = 0 V
Notes: 1. Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %;
2. On through-hole packages, R
DS(on)
Kelvin test contact
location must be 5 mm or less from the package body.
TO-3P (IXTQ) Outline
Pins:
1 - Gate
2 - Drain
3 - Source
4, TAB - Drain
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478B2
7,071,537
PRELIMINARYTECHNICALINFORMATION
The product presented herein is under development. The Technical Specifications
offered are derived from data gathered during objective characterizations of preliminary
engineering lots; but also may yet contain some information supplied during a pre-
production design evaluation. IXYS reserves the right to change limits, test conditions,
and dimensions without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com