Electronic Components Datasheet Search
  English  ▼

X  

IXTH200N075T Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTH200N075T
Description  Preliminary Technical Information Trench Gate Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH200N075T Datasheet(HTML) 3 Page - IXYS Corporation

  IXTH200N075T Datasheet HTML 1Page - IXYS Corporation IXTH200N075T Datasheet HTML 2Page - IXYS Corporation IXTH200N075T Datasheet HTML 3Page - IXYS Corporation IXTH200N075T Datasheet HTML 4Page - IXYS Corporation IXTH200N075T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
IXTH200N075T
IXTQ200N075T
Fig. 1. Output Characteristics
@ 25ºC
0
20
40
60
80
100
120
140
160
180
200
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VDS - Volts
VGS = 10V
9V
8V
7V
6V
5V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
50
100
150
200
250
300
350
0
1
23
45
6
VDS - Volts
VGS = 10V
9V
8V
6V
7V
5V
Fig. 3. Output Characteristics
@ 150ºC
0
20
40
60
80
100
120
140
160
180
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VDS - Volts
VGS = 10V
9V
8V
7V
6V
5V
Fig. 4. RDS(on) Normalized to ID = 100A Value
vs. Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGS = 10V
I D = 200A
I D = 100A
Fig. 5. RDS(on) Normalized to ID = 100A Value
vs. Drain Current
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
50
100
150
200
250
300
350
ID - Amperes
VGS = 10V
15V - - - -
TJ = 175ºC
TJ = 25ºC
Fig. 6. Drain Current vs. Case Temperature
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade
External Lead Current Limit for TO-263 (7-Lead)
External Lead Current Limit for TO-3P, TO-220, & TO-263



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com