Electronic Components Datasheet Search
  English  ▼

X  

IXGR40N60C2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGR40N60C2
Description  HiPerFASTTM IGBT ISOPLUS247TM C2-Class High Speed IGBTs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR40N60C2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGR40N60C2 Datasheet HTML 1Page - IXYS Corporation IXGR40N60C2 Datasheet HTML 2Page - IXYS Corporation IXGR40N60C2 Datasheet HTML 3Page - IXYS Corporation IXGR40N60C2 Datasheet HTML 4Page - IXYS Corporation IXGR40N60C2 Datasheet HTML 5Page - IXYS Corporation IXGR40N60C2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGR 40N60C2
IXGR 40N60C2D1
Fig. 12. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
C E - Volts
Cies
Coes
Cres
f = 1M Hz
Fig. 11. Gate Charge
0
3
6
9
12
15
0
2040
6080
100
Q
G - nanoCoulombs
V
C E = 300V
I
C = 30A
I
G= 10m A
Fig. 7. Transconductance
0
10
20
30
40
50
60
70
030
60
90
120
150
180
I
C - A mperes
T
J = -40º C
25
º C
125
º C
Fig. 8. Dependence of Eoff on RG
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
24
68
10121416
R
G - Ohms
I C= 45A
I C= 15A
TJ = 125º C
VGE = 15V
VCE = 400V
I C = 30A
I C = 60A
Fig. 10. Dependence of Eoff on Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
25
50
75
100
125
T
J - Degrees Centigrade
I
C = 60A
V
GE = 15V
V
C E = 400V
R
G = 3 Ohm s
R
G= 10 Ohm s - - - - -
I
C = 45A
I
C = 30A
I
C = 15A
Fig. 9. Dependence of Eoff on Ic
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
10
20
30
40
50
60
I
C - Amperes
R
G = 3 Ohms
R
G= 10 Ohm s
- - - - -
V
GE = 15V
V
C E = 400V
T
J = 125ºC
T
J = 25ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com