Electronic Components Datasheet Search
  English  ▼

X  

IXTP98N075T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP98N075T
Description  Advance Technical Information TrenchMVTM Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP98N075T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP98N075T Datasheet HTML 1Page - IXYS Corporation IXTP98N075T Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 IXYS CORPORATION, All rights reserved
TrenchMVTM
Power MOSFET
N-Channel Enhancement Mode
IXTA98N075T
IXTP98N075T
V
DSS
=75
V
I
D25
=98
A
R
DS(on)
≤≤≤≤≤
10 m
Ω
Ω
Ω
Ω
Ω
DS99541(04/07)
G = Gate
D = Drain
S = Source
TAB = Drain
TO-263 (IXTA)
TO-220 (IXTP)
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C75
V
V
DGR
T
J
= 25
°C to 175°C; R
GS = 1 MΩ
75
V
V
GSM
Transient
± 20
V
I
D25
T
C = 25°C98
A
I
LRMS
Package Current Limit (RMS):
75
A
I
DM
T
C = 25°C, pulse width limited by TJM
280
A
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS
5
V/ns
T
J
≤ 175°C, R
G = 5 Ω
I
AR
T
C = 25°C25
A
E
AS
T
C = 25°C
600
mJ
P
d
T
C = 25°C
230
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-40 ... +175
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-220)
1.13 / 10 Nm/lb.in.
Weight
TO-220
3.0
g
TO-263
2.5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 μA75
V
V
GS(th)
V
DS
= V
GS, ID = 100 μA
2.0
4.0
V
I
GSS
V
GS = ±20 V, VDS = 0 V
± 200
nA
I
DSS
V
DS
= V
DSS
2
μA
V
GS = 0 V
T
J = 150°C
150
μA
R
DS(on)
V
GS = 10 V, ID = 25 A, Notes 1, 2
10
m
Ω
G
S
TAB
TAB
G
S
Features
Ultra-low On Resistance
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
175
°C Operating Temperature
Advantages
Easy to mount
Space savings
High power density
Applications
Automotive
- Motor Drives
- 42V Power Bus
- ABS Systems
DC/DC Converters and Off-line UPS
Primary Switch for 24V and 48V
Systems
High Current Switching
Applications
Advance Technical Information


Similar Part No. - IXTP98N075T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP98N075T ISC-IXTP98N075T Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP98N075T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA152N085T IXYS-IXTA152N085T Datasheet
220Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA220N055T IXYS-IXTA220N055T Datasheet
220Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTH160N10T IXYS-IXTH160N10T Datasheet
192Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA160N075T IXYS-IXTA160N075T Datasheet
179Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
Advance Technical Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com