Electronic Components Datasheet Search
  English  ▼

X  

IXTP98N075T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP98N075T
Description  Advance Technical Information TrenchMVTM Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP98N075T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP98N075T Datasheet HTML 1Page - IXYS Corporation IXTP98N075T Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA98N075T IXTP98N075T
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 0.5 ID25, Note 1
38
64
S
C
iss
3100
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
520
pF
C
rss
125
pF
t
d(on)
Resistive Switching Times
20
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 25 A
42
ns
t
d(off)
R
G = 5 Ω (External)
42
ns
t
f
27
ns
Q
g(on)
68
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 25 A
18
nC
Q
gd
15
nC
R
thJC
0.65
°C/W
R
thCS
0.50
°C/W
Source-Drain Diode
Symbol
Test ConditionsCharacteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0 V
98
A
I
SM
Repetitive
280
A
V
SD
I
F = IS, VGS = 0 V, Note 1
1.5
V
t
rr
I
F = 49 A, -di/dt = 100 A/μs50
ns
V
R = 40 V, VGS = 0 V
Note 1. Pulse test, t
≤ 300 μs, duty cycle, d ≤ 2 %;
2. On through-hole packages, R
DS(on)
Kelvin test contact
location is 5 mm or less from the package body.
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experience,
and constitute a "considered reflection" of the anticipated result. IXYS reserves the right to change
limits, test conditions, and dimensions without notice.
Pins:
1 - Gate
2 - Drain
3 - Source
4, TAB - Drain
TO-220 (IXTP) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
Pins:
1 - Gate
2 - Drain
3 - Source
4, TAB - Drain
TO-263 (IXTA) Outline
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2
6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com