Electronic Components Datasheet Search
  English  ▼

X  

PI7C8140AMAE Datasheet(PDF) 39 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMAE
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMAE Datasheet(HTML) 39 Page - Pericom Semiconductor Corporation

Back Button PI7C8140AMAE Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 43Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
Page 39 of 82
March 20, 2007 – Revision 1.01
Delayed read completion transactions, comprised of all memory read, I/O read, & configuration
read transactions.
Delayed read completion transactions complete on the target bus, and the read data is queued in the read
data buffers. A delayed read completion transaction proceeds in the direction opposite that of the
original delayed read request; that is, a delayed read completion transaction proceeds from the target
bus to the initiator bus.
The bridge does not combine or merge write transactions:
The bridge does not combine separate write transactions into a single write transaction—this
optimization is best implemented in the originating master.
The bridge does not merge bytes on separate masked write transactions to the same DWORD
address—this optimization is also best implemented in the originating master.
The bridge does not collapse sequential write transactions to the same address into a single write
transaction—the PCI Local Bus Specification does not permit this combining of transactions.
4.2
GENERAL ORDERING GUIDELINES
Independent transactions on primary and secondary buses have a relationship only when those
transactions cross the bridge.
The following general ordering guidelines govern transactions crossing the bridge:
The ordering relationship of a transaction with respect to other transactions is determined when the
transaction completes, that is, when a transaction ends with a termination other than target retry.
Requests terminated with target retry can be accepted and completed in any order with respect to
other transactions that have been terminated with target retry. If the order of completion of delayed
requests is important, the initiator should not start a second delayed transaction until the first one
has been completed. If more than one delayed transaction is initiated, the initiator should repeat all
delayed transaction requests, using some fairness algorithm. Repeating a delayed transaction cannot
be contingent on completion of another delayed transaction. Otherwise, a deadlock can occur.
Write transactions flowing in one direction have no ordering requirements with respect to write
transactions flowing in the other direction. The bridge can accept posted write transactions on both
interfaces at the same time, as well as initiate posted write transactions on both interfaces at the
same time.
The acceptance of a posted memory write transaction as a target can never be contingent on the
completion of a non-locked, non-posted transaction as a master. This is true for the bridge and must
also be true for other bus agents. Otherwise, a deadlock can occur.
The bridge accepts posted write transactions, regardless of the state of completion of any delayed
transactions being forwarded across the bridge.
4.3
ORDERING RULES
Table 4-1 shows the ordering relationships of all the transactions and refers by number to the ordering
rules that follow.
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com