Electronic Components Datasheet Search
  English  ▼

X  

PI7C8140AMAE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI7C8140AMAE
Description  2-Port PCI-to-PCI Bridge
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8140AMAE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI7C8140AMAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8140AMAE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
PI7C8140A
2-PORT PCI-TO-PCI BRIDGE
Page 7 of 82
March 20, 2007 – Revision 1.01
13.1
REGISTER TYPES ...............................................................................................................................59
13.2
CONFIGURATION REGISTER...........................................................................................................59
13.2.1
VENDOR ID REGISTER – OFFSET 00h ..................................................................................60
13.2.2
DEVICE ID REGISTER – OFFSET 00h....................................................................................60
13.2.3
COMMAND REGISTER – OFFSET 04h ...................................................................................60
13.2.4
PRIMARY STATUS REGISTER – OFFSET 04h ......................................................................61
13.2.5
REVISION ID REGISTER – OFFSET 08h................................................................................62
13.2.6
CLASS CODE REGISTER – OFFSET 08h ................................................................................62
13.2.7
CACHE LINE REGISTER – OFFSET 0Ch ...............................................................................62
13.2.8
PRIMARY LATENCY TIMER REGISTER – OFFSET 0Ch.....................................................62
13.2.9
HEADER TYPE REGISTER – OFFSET 0Ch ............................................................................62
13.2.10
PRIMARY BUS NUMBER REGISTER – OFFSET 18h .......................................................62
13.2.11
SECONDARY BUS NUMBER REGISTER – OFFSET 18h .................................................63
13.2.12
SUBORDINATE BUS NUMBER REGISTER – OFFSET 18h .............................................63
13.2.13
SECONDARY LATENCY TIMER REGISTER – OFFSET 18h ...........................................63
13.2.14
I/O BASE ADDRESS REGISTER – OFFSET 1Ch................................................................63
13.2.15
I/O LIMIT ADDRESS REGISTER – OFFSET 1Ch ..............................................................63
13.2.16
SECONDARY STATUS REGISTER – OFFSET 1Ch............................................................64
13.2.17
MEMORY BASE ADDRESS REGISTER – OFFSET 20h ....................................................64
13.2.18
MEMORY LIMIT ADDRESS REGISTER – OFFSET 20h ...................................................65
13.2.19
PREFETCHABLE MEMORY BASE ADDRESS REGISTER – OFFSET 24h....................65
13.2.20
PREFETCHABLE MEMORY LIMIT ADDRESS REGISTER – OFFSET 24h ..................65
13.2.21
PREFETCHABLE MEMORY BASE ADDRESS UPPER 32-BITS REGISTER – OFFSET
28h
...................................................................................................................................................65
13.2.22
PREFETCHABLE MEMORY LIMIT ADDRESS UPPER 32-BITS REGISTER – OFFSET
2Ch
...................................................................................................................................................66
13.2.23
I/O BASE ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h ...................................66
13.2.24
I/O LIMIT ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h ..................................66
13.2.25
CAPABILITY POINTER REGISTER – OFFSET 34h ..........................................................66
13.2.26
INTERRUPT LINE REGISTER – OFFSET 3Ch ..................................................................66
13.2.27
INTERRUPT PIN REGISTER – OFFSET 3Ch .....................................................................66
13.2.28
BRIDGE CONTROL REGISTER – OFFSET 3Ch ................................................................67
13.2.29
SUBSYSTEM VENDOR ID REGISTER – OFFSET 40h ......................................................68
13.2.30
SUBSYSTEM ID REGISTER – OFFSET 40h........................................................................68
13.2.31
DIAGNOSTIC/CHIP CONTROL REGISTER – OFFSET 44h .............................................68
13.2.32
ARBITER CONTROL REGISTER – OFFSET 44h ...............................................................70
13.2.33
EXTENDED CHIP CONTROL REGISTER – OFFSET 48h ................................................70
13.2.34
SECONDARY BUS ARBITER PREEMPTION CONTROL REGISTER – OFFSET 4Ch ..71
13.2.35
P_SERR# EVENT DISABLE REGISTER – OFFSET 64h ...................................................71
13.2.36
SECONDARY CLOCK CONTROL REGISTER – OFFSET 68h ..........................................72
13.2.37
P_SERR# STATUS REGISTER – OFFSET 68h....................................................................73
13.2.38
CLKRUN REGISTER – OFFSET 6Ch ...................................................................................74
13.2.39
PORT OPTION REGISTER – OFFSET 74h..........................................................................74
13.2.40
CAPABILITY ID REGISTER – OFFSET 80h .......................................................................76
13.2.41
NEXT ITEM POINTER REGISTER – OFFSET 80h ............................................................76
13.2.42
POWER MANAGEMENT CAPABILITIES REGISTER – OFFSET 80h ............................76
13.2.43
POWER MANAGEMENT DATA REGISTER – OFFSET 84h.............................................77
13.2.44
PRIMARY MASTER TIMEOUT COUNTER REGISTER – OFFSET 88h ..........................77
13.2.45
SECONDARY MASTER TIMEOUT COUNTER REGISTER – OFFSET 88h ....................77
13.2.46
CAPABILITY ID REGISTER – OFFSET 90h .......................................................................77
13.2.47
NEXT ITEM POINTER REGISTER – OFFSET 90h ............................................................77
13.2.48
HOT SWAP CAPABILITY STRUCTURE REGISTER – OFFSET 90h ...............................78
13.2.49
HOT SWAP SWITCH REGISTER – OFFSET 94h ...............................................................78
07-0067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com