Electronic Components Datasheet Search
  English  ▼

X  

AF512UDI Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AF512UDI
Description  ATP Industrial Grade microSD Card Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF512UDI Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AF512UDI Datasheet HTML 9Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 10Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 11Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 12Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 13Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 14Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 15Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 16Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
Revision 3.3
ATP Industrial Grade microSD Card Specification
Figure 2-9: SD Life Monitoring
Note: The microSD/SD card will be busy while SD Life Monitoring Tool is retrieving the information
from the memory card. Due to this reason, the user cant' execute this software from the same
microSD/SD card that is being monitored.
2.62.10
Physical Dimension (Dimension (Units in MM)
Type
Measurement
Length
15mm +/- 0.1mm
Width
11mm +/- 0.1mm
Thickness
1.0mm +/- 0.1mm
Weight
0.4 g Max.
Table 2-10: Physical Dimension
Formatted: Table 1-1 标题
Formatted: Bullets and Numbering
Formatted: Font: (Asian) Chinese
(Taiwan)
Formatted: Table 1-1 标题, Space
Before:
0 pt, After:
0 pt
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
13
ATP Confidential & Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com