Electronic Components Datasheet Search
  English  ▼

X  

AF512UDI Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # AF512UDI
Description  ATP Industrial Grade microSD Card Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF512UDI Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button AF512UDI Datasheet HTML 81Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 82Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 83Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 84Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 85Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 86Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 87Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 88Page - List of Unclassifed Manufacturers AF512UDI Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
Revision 3.3
ATP Industrial Grade microSD Card Specification
card assumes the voltage specified in VHS as the current supplied voltage. Only 1-bit of VHS shall be
set to 1 at any given time. Check pattern is used for the host to check validity of communication
between the host and the card. If the card indicates an illegal command, the card is legacy and does not
support CMD8. If the card supports CMD8 and can operate on the supplied voltage, the response
echoes back the supply voltage and the check pattern that were set in the command argument. If VCA
in the response is set to 0, the card cannot operate on the supplied voltage. If check pattern is not
matched, CMD8 communication is not valid. In this case, it is recommended to retry CMD8 sequence.
Figure 7-3: SPI Mode Initialization Flow
READ_OCR (CMD58) is designed to provide SD Memory Card hosts with a mechanism to identify
cards that do not match the VDD range desired by the host. If the host does not accept voltage range, it
shall not proceed further initialization sequence. The levels in the OCR register shall be defined
accordingly. SD_SEND_OP_COND (ACMD41) is used to start initialization and to check if the card
has completed initialization. It is mandatory to issue CMD8 prior to the first ACMD41. Receiving of
CMD8 expands the CMD58 and ACMD41 function; HCS (High Capacity Support) in the argument of
ACMD41 and CCS (Card Capacity Status) in the response of CMD58. HCS is ignored by the card,
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
85
ATP Confidential & Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com