Electronic Components Datasheet Search
  English  ▼

X  

AF512SDI Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AF512SDI
Description  ATP Industrial Grade SD Card Specification
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF512SDI Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AF512SDI Datasheet HTML 17Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 18Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 19Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 20Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 21Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 22Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 23Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 24Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
Revision 3.7
ATP Industrial Grade SD Card Specification
1) S: power supply; I: input; O: output using push-pull drivers; PP: I/O using push-pull drivers;
2) The extended DAT Lines (Dat1-DAT3) are input on power up. They start to operate as DAT lines
after SET_BUS_WIDTH command. The Host shall keep its own DAT1-DAT3 lines in input mode,
as well, while they are not used.
3) After power up this line is input with 50Kohm pull-up (can be used for card detection or SPD mode
selection). The pull-up should be disconnected by user, during regular data transfer, with
SET_CLR_CARD_DETECT (ACMD42) command
Each card has a set of information registers. Please refer to chapter 5 for the details of registers.
NAME
WIDT
H
DESCRIPTION
CID
128
Card identification number; card individual number for identification.
RCA
16
Relative card address; local system address of a card, dynamically
suggested by the card and approved by the host during initialization.
CSD
128
Card Specific Data; information about the card operation conditions.
SCR
64
SD Configuration Register; information about the SD Card’s Special
Features capabilities.
OCR
32
Operation conditions register.
SSR
512
SD Status; information about the card proprietary features.
CSR
32
Card Status; information about the card status.
Table 4-2: SD Card registers
4.2 SD BUS Topology
The SD Card bus has a single master (application), multiple slaves (cards), synchronous star topology.
Clock, power and ground signals are common to all cards. Command (CMD) and data (DAT0 - DAT3)
signals are dedicated to each card providing continues point to point connection to all the cards.
During initialization process commands are sent to each card individually, allowing the application to
detect the cards and assign logical addresses to the physical slots. Data is always sent (received) to
(from) each card individually. However, in order to simply the handling of the card stack, after the
initialization process, all commands may be sent concurrently to all cards. Addressing information is
provided in the command packet.
SD bus allows dynamic configuration of the number of data lines. After power up, by default, the SD
Card will use only DAT0 for data transfer. After initialization the host can change the bus width
(number of active data lines). This feature allows easy trade off between HW cost and system
performance.
Note that while DAT1-DAT3 are not in use, the related Host’s DAT lines should be in tri-state
(input mode).
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
21
ATP Confidential & Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com