Electronic Components Datasheet Search
  English  ▼

X  

AF512SDI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AF512SDI
Description  ATP Industrial Grade SD Card Specification
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF512SDI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AF512SDI Datasheet HTML 5Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 6Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 7Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 8Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 9Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 10Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 11Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 12Page - List of Unclassifed Manufacturers AF512SDI Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
Revision 3.7
ATP Industrial Grade SD Card Specification
2.2 Reliability
TYPE
MEASUREMENT
Number of insertions
10,000 minimum
Endurance Technology
SLC NAND Flash block endurance:
512MB / 2GB / 4GB / 8GB: 60,000 P/E cycles
1GB: 100,000 P/E cycles
Global Wear Leveling algorithm
TBW
(Total Bytes Written)
512MB
6.1
Terabytes random write
12.3
Terabytes sequential write
1GB
20
Terabytes random write
40
Terabytes sequential write
2GB
24
Terabytes random write
48
Terabytes sequential write
4GB
48
Terabytes random write
96
Terabytes sequential write
8GB
96
Terabytes random write
192
Terabytes sequential write
MTBF(@ 25
oC)
>2,000,000 hours
Table 2-2: Reliability
Note: Endurance for flash cards can be predicted based on the usage conditions applied to the device, the internal NAND
flash cycles, the write amplification factor, and the wear leveling efficiency of the flash devices.
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
9
ATP Confidential & Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com