Electronic Components Datasheet Search
  English  ▼

X  

SPBT2532C2.AT2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 2Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 3Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 4Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 5Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 6Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 7Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 8Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 9Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Description
SPBT2532C2.AT2
6/27
Doc ID 023461 Rev 1
1
Description
The SPBT2532C2.AT2 is an easy to use Bluetooth module, compliant with Bluetooth v2.1 +
EDR.
The module is the smallest form factor available which provides a complete RF platform.
The SPBT2532C2.AT2 enables electronic devices with wireless connectivity, not requiring
any RF experience or expertise for integration into the final product. The SPBT2532C2.AT2
module, being a certified solution, optimizes the time to market of the final application.
The module is designed for maximum performance in the minimum possible size including
fast speed UART and 4 general purpose I/O lines, several serial interface options, and up to
1.5 Mbps data throughput.
The SPBT2532C2.AT2 is a surface mount PCB module that provides fully embedded,
ready-to-use Bluetooth wireless technology. The reprogrammable Flash memory contains
embedded firmware for serial cable replacement using the Bluetooth SPP profile.
Embedded Bluetooth AT2 command firmware is a friendly interface, which realizes a simple
control for cable replacement, enabling communication with most Bluetooth enabled
devices, provided that the devices support the SPP profile. The SPBT2532C2.AT2,
supporting iAP profile, provides communication with Android™, smartphones, and Apple®
iOS Bluetooth enabled devices.
An Apple authentication IC is required to exchange data with an Apple device or access an
Apple device application. The AT2 FW includes the Bluetooth SPP profile capable of
recognizing the Apple authentication chip.
Customers using the Apple authentication IC must register as developers to become an
Apple certified MFI member. License fees may apply, for additional information visit:
http://developer.apple.com/programs/which-program/index.html.
Certified MFI developers developing electronic accessories that connect to the iPod®,
iPhone®, and iPad® gain access to technical documentation, hardware components,
technical support and certification logos.
Customized firmware for peripheral device interaction, power optimization, security, and
other proprietary features may be supported and can be ordered pre-loaded and configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com