Electronic Components Datasheet Search
  English  ▼

X  

SPBT2532C2.AT2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 4Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 5Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 6Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 7Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 8Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 9Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 10Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 11Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Software architecture
SPBT2532C2.AT2
8/27
Doc ID 023461 Rev 1
4
Software architecture
4.1
Lower layer stack
●
Bluetooth v2.1 + EDR
●
Device power modes: active, sleep and deep sleep
●
Wake-on Bluetooth feature optimized power consumption of host CPU
●
Authentication and encryption
●
Encryption key length from 8 bits to 128 bits
●
Persistent Flash memory for BD address and user parameter storage
●
All ACL (asynchronous connection less) packet types
●
Point-to-point supported
●
Master/slave switch supported during connection and post connection
●
Dedicated inquiry access code for improved inquiry scan performance
●
Dynamic packet selection channel quality driven data rate to optimize link performance
●
Dynamic power control
●
802.11b co-existence AFH.
4.2
Upper layer stack: Amp'ed UP
●
SPP, IAP, SDAP and GAP protocols
●
RFComm, SDP, and L2CAP supported
●
Multipoint with simultaneous slaves.
4.3
AT command set: abSerial
The complete command list including the iAP commands is reported in the UM1547 user
manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com