Electronic Components Datasheet Search
  English  ▼

X  

SMBJ10CA Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMBJ10CA
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ10CA Datasheet(HTML) 3 Page - STMicroelectronics

  SMBJ10CA Datasheet HTML 1Page - STMicroelectronics SMBJ10CA Datasheet HTML 2Page - STMicroelectronics SMBJ10CA Datasheet HTML 3Page - STMicroelectronics SMBJ10CA Datasheet HTML 4Page - STMicroelectronics SMBJ10CA Datasheet HTML 5Page - STMicroelectronics SMBJ10CA Datasheet HTML 6Page - STMicroelectronics SMBJ10CA Datasheet HTML 7Page - STMicroelectronics SMBJ10CA Datasheet HTML 8Page - STMicroelectronics SMBJ10CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SMBJ
Characteristics
Doc ID 5616 Rev 10
3/10
Table 3.
Electrical characteristics - parameter values (Tamb = 25 °C)
Order code
IRM max@VRM
VBR @IR
(1)
VCL @IPP
10/1000 µs
RD
(2)
10/1000 µs
VCL @IPP
8/20 µs
RD
(2)
8/20 µs
αT (3)
25 °C 85 °C
min
typ
max
max
max
µA
V
V
mA
V
A(4)
Ω
VA(4)
Ω
10-4/ °C
SMBJ5.0A/CA
20
50
5.0
6.4
6.74
10
9.2
68
0.031
13.4
298
0.021
5.7
SMBJ6.0A/CA
20
50
6.0
6.7
7.05
10
10.3
61
0.048
13.7
290
0.022
5.9
SMBJ6.5A/CA
20
50
6.5
7.2
7.58
10
11.2
56
0.058
14.5
276
0.024
6.1
SMBJ8.5A/CA
20
50
8.5
9.4
9.9
1
14.4
41.7
0.096
19.5
205
0.044
7.3
SMBJ10A/CA
0.2
1
10
11.1
11.7
1
17
37
0.127
21.7
184
0.051
7.8
SMBJ12A/CA
0.2
1
12
13.3
14
1
19.9
31
0.168
25.3
157
0.068
8.3
SMBJ13A/CA
0.2
1
13
14.4
15.2
1
21.5
29
0.191
27.2
147
0.076
8.4
SMBJ15A/CA
0.2
1
15
16.7
17.6
1
24.4
25.1
0.236
32.5
123
0.114
8.8
SMBJ16A/CA
0.2
1
16
17.8
18.7
1
26
23.1
0.276
34.4
116
0.127
8.8
SMBJ18A/CA
0.2
1
18
20.0
21.1
1
29.2
21.5
0.328
39.3
102
0.168
9.2
SMBJ20A/CA
0.2
1
20
22.2
23.4
1
32.4
19.4
0.404
42.8
93
0.196
9.4
SMBJ22A/CA
0.2
1
22
24.4
25.7
1
35.5
17.7
0.481
48.3
83
0.257
9.6
SMBJ24A/CA
0.2
1
24
26.7
28.1
1
38.9
16
0.587
50
80
0.256
9.6
SMBJ26A/CA
0.2
1
26
28.9
30.4
1
42.1
14.9
0.683
53.5
75
0.288
9.7
SMBJ28A/CA
0.2
1
28
31.1
32.7
1
45.4
13.8
0.802
59
68
0.363
9.8
SMBJ30A/CA
0.2
1
30
33.3
35.1
1
48.4
13
0.888
64.3
62
0.443
9.9
SMBJ33A/CA
0.2
1
33
36.7
38.6
1
53.3
11.8
1.08
69.7
57
0.512
10.0
SMBJ36A/CA
0.2
1
36
40.0
42.1
1
58.1
10.3
1.35
76
52
0.611
10.0
SMBJ40A/CA
0.2
1
40
44.4
46.7
1
64.5
9.7
1.59
84
48
0.728
10.1
SMBJ48A/CA
0.2
1
48
53.3
56.1
1
77.4
8.1
2.28
100
40
1.03
10.3
SMBJ58A/CA
0.2
1
58
64.4
67.8
1
93.6
6.7
3.34
121
33
1.51
10.4
SMBJ70A/CA
0.2
1
70
77.8
81.9
1
113
5.5
4.91
146
27
2.22
10.5
SMBJ85A/CA
0.2
1
85
94
99
1
137
4.6
7.18
178
22.5
3.29
10.6
SMBJ100A/CA
0.2
1
100
111
117
1
162
3.8
10.3
212
19
4.69
10.7
SMBJ130A/CA
0.2
1
130
144
152
1
209
3
16.5
265
15
7.03
10.8
SMBJ154A/CA
0.2
1
154
171
180
1
246
2.4
23.8
317
12.6
10.2
10.8
SMBJ170A/CA
0.2
1
170
189
199
1
275
2.2
30.0
353
11.3
12.7
10.8
SMBJ188A/CA
0.2
1
188
209
220
1
328
2
48.5
388
10.3
15.2
10.8
1.
Pulse test : tp < 50 ms
2.
To calculate maximum clamping voltage at other surge level,use the following formula: VCLmax = VCL - RD x (IPP - IPPappli)
where IPPappli is the surge current in the application
3.
To calculate VBR or VCL versus junction temperature, use the following formulas:
VBR @ TJ = VBR @ 25°C x (1 + αT x (TJ – 25))
VCL @ TJ = VCL @ 25°C x (1 + αT x (TJ – 25))
4.
Surge capability given for both directions for unidirectional and bidirectional types.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com