Electronic Components Datasheet Search
  English  ▼

X  

SMBJ10CA Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMBJ10CA
Description  Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ10CA Datasheet(HTML) 5 Page - STMicroelectronics

  SMBJ10CA Datasheet HTML 1Page - STMicroelectronics SMBJ10CA Datasheet HTML 2Page - STMicroelectronics SMBJ10CA Datasheet HTML 3Page - STMicroelectronics SMBJ10CA Datasheet HTML 4Page - STMicroelectronics SMBJ10CA Datasheet HTML 5Page - STMicroelectronics SMBJ10CA Datasheet HTML 6Page - STMicroelectronics SMBJ10CA Datasheet HTML 7Page - STMicroelectronics SMBJ10CA Datasheet HTML 8Page - STMicroelectronics SMBJ10CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMBJ
Characteristics
Doc ID 5616 Rev 10
5/10
Figure 6.
Junction capacitance versus
reverse applied voltage for
unidirectional types (typical values)
Figure 7.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
10
100
1000
10000
1
10
100
1000
C(pF)
F=1 MHz
V
osc=30 mVRMS
T
j=25 °C
SMBJ5.0A
SMBJ12A
SMBJ24A
SMBJ40A
SMBJ85A
SMBJ188A
VR(V)
10
100
1000
10000
1
10
100
1000
C(pF)
F=1 MHz
V
osc=30 mVRMS
T
j=25 °C
SMBJ5.0CA
SMBJ12CA
SMBJ24CA
SMBJ40CA
SMBJ85CA
SMBJ188CA
VR(V)
Figure 8.
Peak forward voltage drop
versus peak forward current
(typical values)
Figure 9.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
Figure 10. Thermal resistance, junction to
ambient, versus copper surface
under each lead
Figure 11. Leakage current versus junction
temperature (typical values)
I
FM(A)
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
j =25 °C
T
j =125 °C
VFM(V)
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Z
th(j-a) /Rth(j-a)
tP(s)
Recommended pad layout
PCB FR4, copper thickness = 35 µm
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(J-A)
SCU(cm²)
PCB FR4, copper thickness = 35 µm
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
25
50
75
100
125
150
V
R=VRM
V
RM ≥ 10 V
V
R=VRM
V
RM <10 V
Tj(°C)
I
R (nA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com