Electronic Components Datasheet Search
  English  ▼

X  

PE44610 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44610
Description  QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44610 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44610 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44610 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44610 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector
Type
QN Female
Mating Cycles
100
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal PE44610
URL: http://www.pasternack.com/qn-female-standard-solder-cup-terminal-connector-pe44610-p.aspx
QN Female Connector Solder Attachment
4 Hole Flange Solder Cup Terminal
PE44610
PE44610 REV 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com