Electronic Components Datasheet Search
  English  ▼

X  

PE44610 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44610
Description  QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44610 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44610 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44610 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44610 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal
Configuration
Connector
QN Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Insertion Loss, dB
0.17
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, GHz
DC to 2.5
Return Loss, dB
30
Insertion Loss, dB
0.08
Power Handling, Watts
300
Frequency 2
Frequency, GHz
2.5 to 4
Return Loss, dB
26
Insertion Loss, dB
0.1
Frequency 3
Frequency, GHz
4 to 6
Return Loss, dB
20
Insertion Loss, dB
1.2
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +125
Size
Length, in [mm]
0.98 [24.89]
Width/Dia., in [mm]
0.69 [17.53]
Height, in [mm]
0.69 [17.53]
.
Weight, lbs [g]
0.055 [24.95]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal PE44610
PE44610
PE44610 REV 01
QN Female Connector Solder Attachment
4 Hole Flange Solder Cup Terminal


Similar Part No. - PE44610

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4461 PASTERNACK-PE4461 Datasheet
117Kb / 1P
TNC FEMALE CLAMP ATTACHMENT
PE44613 PASTERNACK-PE44613 Datasheet
203Kb / 2P
MCX Plug Connector Solder Attachment Surface Mount PCB
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44615 PASTERNACK-PE44615 Datasheet
222Kb / 2P
N Female Bulkhead Connector Solder Attachment End Launch PCB, .630 inch Diameter
PE44616 PASTERNACK-PE44616 Datasheet
210Kb / 2P
BNC Female Connector Solder Attachment End Launch PCB
More results

Similar Description - PE44610

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45085 PASTERNACK-PE45085 Datasheet
358Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4000 PASTERNACK-PE4000_16 Datasheet
350Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4004 PASTERNACK-PE4004_16 Datasheet
358Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE4010 PASTERNACK-PE4010_16 Datasheet
360Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4012 PASTERNACK-PE4012_16 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4013 PASTERNACK-PE4013_16 Datasheet
355Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064 PASTERNACK-PE4064_16 Datasheet
362Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064SP PASTERNACK-PE4064SP_16 Datasheet
366Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4228 PASTERNACK-PE4228_16 Datasheet
356Kb / 3P
MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal .500 inch
PE4241 PASTERNACK-PE4241_16 Datasheet
352Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com