Electronic Components Datasheet Search
  English  ▼

X  

2SB1237 Datasheet(PDF) 2 Page - Rohm

Part # 2SB1237
Description  Medium Power Transistor (-32V,??1A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1237 Datasheet(HTML) 2 Page - Rohm

  2SB1237 Datasheet HTML 1Page - Rohm 2SB1237 Datasheet HTML 2Page - Rohm 2SB1237 Datasheet HTML 3Page - Rohm 2SB1237 Datasheet HTML 4Page - Rohm 2SB1237 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
Data Sheet
2SB1132 / 2SA1515S / 2SB1237
Absolute maximum ratings (Ta=25
C)
∗1 Single pulse, Pw=100ms
∗2 When mounted on a 40 40 0.7 mm ceramic board.
∗3 Printed circuit board, 1.7 mm thick, collector copper plating 100mm2or larger.
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
−40
V
V
V
A(DC)
W
−32
−5
−1
IC
A(Pulse)
−2
0.5
2
0.3
1
∗1
∗2
∗3
2SB1132
2SA1515S
2SB1237
150
−55 to +150
Symbol
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
C
C
Electrical characteristics (Ta=25
C)
Transition frequency
Output capacitance
DC current
transfer ratio
VCE
=
−3V, IC= −0.1A
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−40
−32
−5
−
−
120
−
−
−
−
−
−
−
−
−
−0.2
150
20
−
−
−
−0.5
−0.5
390
−0.5
∗
∗
−
30
VIC
=
−50μA
IC
=
−1mA
IE
=
−50μA
VCB
=
−20V
VEB
=
−4V
IC/IB
=
−500mA/−50mA
VCE
=
−5V, IE=50mA, f=30MHz
VCB
=
−10V, IE=0A, f=1MHz
V
V
μA
μA
−
120
2SB1132, 2SB1237
2SA1515S
−
390
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
∗ Measured using pulse current.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Packaging specifications and hFE
Package
Code
Basic ordering unit (pieces)
Taping
T100
TP
1000
5000
QR
hFE
QR
2SB1132
2SA1515S
TU2
2500
QR
2SB1237
Type
−
−−
−
−
−
hFE values are classified as follows :
Item
hFE
Q
120 to 270
R
180 to 390



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com