Electronic Components Datasheet Search
  English  ▼

X  

2SB1237 Datasheet(PDF) 4 Page - Rohm

Part # 2SB1237
Description  Medium Power Transistor (-32V,??1A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1237 Datasheet(HTML) 4 Page - Rohm

  2SB1237 Datasheet HTML 1Page - Rohm 2SB1237 Datasheet HTML 2Page - Rohm 2SB1237 Datasheet HTML 3Page - Rohm 2SB1237 Datasheet HTML 4Page - Rohm 2SB1237 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
Data Sheet
2SB1132 / 2SA1515S / 2SB1237
TIME : t
(s)
Fig.10 Transient thermal resistance
(2SB1132)
0.001
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
Ta
=25 C
−0.01
−5
−0.1
−50
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.11 Safe operation area
(2SB1237)
−2
−0.2
−0.5
−1
−0.1
−0.02
−0.05
−0.2 −0.5 −1 −2
−5 −10 −20
PW
=100ms∗
PW
=10ms∗
DC
IC Max.∗
Ta
=25 C
∗Single pulse
0.1
1
10
100
1000
0.01
TIME : t
(s)
Fig.12 Transient thermal resistance
(2SB1237)
200
100
50
20
10
5
2
Ta
=25 C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com