Electronic Components Datasheet Search
  English  ▼

X  

AF2GSSEL Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AF2GSSEL
Description  ATP Industrial Grade SlimSATA Embedded Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF2GSSEL Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AF2GSSEL Datasheet HTML 10Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 11Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 12Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 13Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 14Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 15Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 16Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 17Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Version 2.0
ATP Industrial Grade SlimSATA Embedded Module Specification
4 Command Sets
4.1 ATA Command Set
ATP SlimSATA Embedded module support the commands show in the following table
Table 4-1
Command
Code
Protocol
General Feature Set
Execute Drive Diagnostic
90h
Device diagnostic
Flush Cache
E7h
Non-data
Identify Device
ECh
PIO data-in
Read DMA
C8h
DMA
Read Multiple
C4h
PIO data-in
Read Sector(s)
20h
PIO data-in
Read Verify Sector(s)
40h or 41h
Non-data
Set Feature
EFh
Non-data
Set Multiple Mode
C6h
Non-data
Write DMA
CAh
DMA
Write Multiple
C5h
PIO data-out
Write Sector(s)
30h
PIO data-out
NOP
00h
Non-data
Read Buffer
E4h
PIO data-in
Write Buffer
E8h
PIO data-out
Power Management Feature Set
Check Power Mode
E5h or 98h
Non-data
Idle
E3h or 97h
Non-data
Idle Immediate
E1h or 95h
Non-data
Sleep
E6h or 99h
Non-data
Standby
E2h or 96h
Non-data
Standby Immediate
E0h or 94h
Non-data
Security Mode Feature Set
Security Set Password
F1h
PIO data-out
Security Unlock
F2h
PIO data-out
Security Erase Prepare
F3h
Non-data
Security Erase Unit
F4h
PIO data-out
Security Freeze Lock
F5h
Non-data
Security Disable Password
F6h
PIO data-out
SMART Feature Set
SMART Disable Operation
B0h
Non-data
SMART Enable/Disable Autosave
B0h
Non-data
SMART Enable Operations
B0h
Non-data
SMART Return Status
B0h
Non-data
SMART Execute Off-Line Immediate
B0h
Non-data
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
14
ATP Confidential &Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com