Electronic Components Datasheet Search
  English  ▼

X  

AF2GSSEL Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AF2GSSEL
Description  ATP Industrial Grade SlimSATA Embedded Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF2GSSEL Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AF2GSSEL Datasheet HTML 11Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 12Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 13Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 14Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 15Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 16Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 17Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 18Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Version 2.0
ATP Industrial Grade SlimSATA Embedded Module Specification
Command
Code
Protocol
SMART Read Data
B0h
PIO data-in
Host Protected Area Feature Set
Read Native Max Address
F8h
Non-data
Set Max Address
F9h
Non-data
Set Max Set Password
F9h
PIO data-out
Set Max Lock
F9h
Non-data
Set Max Freeze Lock
F9h
Non-data
Set Max Unlock
F9h
PIO data-out
4.2 Identify Device Data
Table 4-2
Word
Address
Default Value Total
Bytes
Data Field Type lnformation
0
044Ah
2
General Configuration
1
XXXXh
2
Default number of cylinders
2
0000h
2
Reserved
3
00XXh
2
Default number of heads
4
0000h
2
Obsolete
5
0240h
2
Obsolete
6
XXXXh
2
Default number of sectors per track
7-8
XXXXh
4
Number of sectors per card (Word 7 = MSW, Word 8 = LSW)
9
0000h
2
Obsolete
10-19
XXXXh
20
Serial number in ASCII (Right justified)
20
0002h
2
Obsolete
21
0002h
2
Obsolete
22
0000h
2
Obsolete
23-26
XXXXh
8
Firmware revision in ASCII. Big Endian Byte Order in Word
27-46
XXXXh
40
Model number in ASCII (Left justified) Big Endian Byte Order in
Word
47
8001h
2
Maximum number of sectors on Read/Write Multiple command
48
0000h
2
Reserved
49
0F00h
2
Capabilities
50
4000h
2
Capabilities
51
0200h
2
PIO data transfer cycle timing mode
52
0000h
2
Obsolete
53
0007h
2
Field validity
54
XXXXh
2
Current numbers of cylinders
55
XXXXh
2
Current numbers of heads
56
XXXXh
2
Current sectors per track
57-58
XXXXh
4
Current capacity in sectors (LBAs)
(Word57=LSW, Word58=MSW)
59
0100h
2
Multiple sector setting
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
15
ATP Confidential &Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com