Electronic Components Datasheet Search
  English  ▼

X  

MPC8241EC Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
34
Freescale Semiconductor
Package Description
5.3
Pinout Listings
Table 16 provides the pinout listing for the MPC8241, 357 PBGA package.
Table 16. MPC8241 Pinout Listing
Signal Name
Package Pin Number
Pin Type
Power
Supply
Output
Driver Type
Notes
PCI Interface Signals
C/BE[3:0]
V11 V7 W3 R3
I/O
GVDD_OVDD
DRV_PCI
1, 2
DEVSEL
U6
I/O
GVDD_OVDD
DRV_PCI
2, 3
FRAME
T8
I/O
GVDD_OVDD
DRV_PCI
2, 3
IRDY
U7
I/O
GVDD_OVDD
DRV_PCI
2, 3
LOCK
V6
Input
GVDD_OVDD
—3
AD[31:0]
U13 V13 U11 W14 V14 U12 W10
T10 V10 U9 V9 W9 W8 T9 W7
V8 V4 W4 V3 V2 T5 R6 V1 T2 U3
P3 T4 R1 T3 R4 U2 U1
I/O
GVDD_OVDD
DRV_PCI
1, 2
PAR
R7
I/O
GVDD_OVDD
DRV_PCI
2
GNT[3:0]
W15 U15 W17 V12
Output
GVDD_OVDD
DRV_PCI
1, 2
GNT4/DA5
T11
Output
GVDD_OVDD
DRV_PCI
2, 4, 5
REQ[3:0]
V16 U14 T15 V15
Input
GVDD_OVDD
—1, 6
REQ4/DA4
W13
I/O
GVDD_OVDD
—5, 6
PERR
T7
I/O
GVDD_OVDD
DRV_PCI
2, 3, 7
SERR
U5
I/O
GVDD_OVDD
DRV_PCI
2, 3, 8
STOP
W5
I/O
GVDD_OVDD
DRV_PCI
2, 3
TRDY
W6
I/O
GVDD_OVDD
DRV_PCI
2, 3
INTA
T12
Output
GVDD_OVDD
DRV_PCI
2, 8
IDSEL
U10
Input
GVDD_OVDD
——
Memory Interface Signals
MDL[0:31]
M19 M17 L16 L17 K18 J18 K17
K16 J15 J17 H18 F16 H16 H15
G17 D19 B3 C4 C2 D3 G5 E1 H5
E2 F1 F2 G2 J5 H1 H4 J4 J1
I/O
GVDD_OVDD
DRV_STD_MEM
1, 9
MDH[0:31]
M18 L18 L15 K19 K15 J19 J16
H17 G19 G18 G16 D18 F18 E18
G15 E15 C3 D4 E5 F5 D1 E4 D2
E3 F4 G3 G4 G1 H2 J3 J2 K5
I/O
GVDD_OVDD
DRV_STD_MEM
1
DQM[0:7]
A18 B18 A6 C7 D15 D14 A9 B8
Output
GVDD_OVDD
DRV_MEM_CTRL
1
CS[0:7]
A17 B17 C16 C17 C9 C8
A10 B10
Output
GVDD_OVDD
DRV_MEM_CTRL
1
FOE
A7
I/O
GVDD_OVDD
DRV_MEM_CTRL
10, 11
RCS0
C10
Output
GVDD_OVDD
DRV_MEM_CTRL
10, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com