Electronic Components Datasheet Search
  English  ▼

X  

MPC8241EC Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MPC8241EC
Description  MPC8241 Integrated Processor Hardware Specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241EC Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC8241EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8241EC Datasheet HTML 58Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
MPC8241 Integrated Processor Hardware Specifications, Rev. 10
54
Freescale Semiconductor
Document Revision History
8.3
Part Marking
Parts are marked as the example shown in Figure 32.
Figure 32. Part Marking for MPC8241 Device
9
Document Revision History
Table 21 provides a revision history for this hardware specification.
MPC
8241
T = Extended
temperature spec.
–40
° to 105°C
ZQ = thick substrate and
thick mold cap PBGA (two
layers)
166, 200
@ 1.8 V
±100 mV
D:1.4 =
Rev. ID:0x14
0x80811014
Notes:
1. See Section 5, “Package Description,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by hardware specifications addendums may support
other maximum core frequencies.
Table 21. Revision History Table
Revision
Date
Substantive Change(s)
10
02/2009
In Table 16, “MPC8241 Pinout Listing,” added footnote 10 to PMAA[2].
In Table 16, “MPC8241 Pinout Listing,” removed footnote 12 for second listing of RCS3/TRIG_OUT .
9
09/2007
Completely replaced Section 4.6 with compliant I2C specifications as with other related integrated
processor devices.
Section 7.6, “JTAG Configuration Signals” Reworded paragraph beginning “The arrangement
shown in Figure 27 .. .”
Table 20. Part Numbers Addressed by MPC8241TXXPNS Series
(Document No. MPC8241ECSO1AD))
MPC
nnnn
T
xx
nnn
x
Notes:
ATWLYYWW is traceability code.
MPC8241LXXnnnx
MMMMM
ATWLYYWW
CCCCC
MMMMM is the 5-digit mask number.
CCCCC is the country code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com