Electronic Components Datasheet Search
  English  ▼

X  

CA-080 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CA-080
Description  Aluminium enclosures CA series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CA-080 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CA-080 Datasheet HTML 2Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 3Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 4Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
303
98 x 64 x 36 mm
CA-080
Aluminium enclosure
150 x 64 x 36 mm
CA-100
Aluminium enclosure
75 x 80 x 57 mm
CA-130
Aluminium enclosure
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
CA-080
220
98 x 64 x 36
Part number
108.0.0000.00
l
–
108.0.0090.00
108.0.0080.00
108.0.0100.00
108.0.0060.00
108.0.0420.00
951.1.0020.00
l
982.0.0050.00
l
–
–
–
–
–
–
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
43000000
Side C/D
10000000
** mechanical enclosure machining required
l = kept in stock
CA-100
330
150 x 64 x 36
Part number
110.0.0000.00
l
–
110.0.0760.00
110.0.0080.00
110.0.0100.00
110.0.0060.00
110.0.0530.00
951.1.0030.00
l
982.0.0110.00
l
–
–
–
–
–
–
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
64000000
Side C/D
10000000
** mechanical enclosure machining required
l = kept in stock
CA-130
280
75 x 80 x 57
Part number
113.0.0000.00
l
–
113.0.0820.00
113.0.0080.00
113.0.0100.00
113.0.0060.00
113.0.0570.00
982.3.0150.00
l
982.0.0020.00
l
–
–
–
–
980.1.0440.00
l
–
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
52100000
Side C/D
32100000
** mechanical enclosure machining required
l = kept in stock
LID
BASE
LID
BASE
LID
BASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com