Electronic Components Datasheet Search
  English  ▼

X  

CA-080 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CA-080
Description  Aluminium enclosures CA series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CA-080 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CA-080 Datasheet HTML 4Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 10Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 11Page - List of Unclassifed Manufacturers CA-080 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
305
125 x 80 x 57 mm
CA-160
Aluminium enclosure
175 x 80 x 57 mm
CA-170
Aluminium enclosure
175 x 80 x 57 mm
CA-180
Aluminium enclosure
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
CA-160
435
125 x 80 x 57
Part number
116.0.0000.00
l
–
116.0.1380.00
116.0.0080.00
116.0.0100.00
116.0.0060.00
116.0.0450.00
951.1.0050.00
l
982.0.0360.00
l
–
–
–
–
980.1.0440.00
l
–
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
10
4320000
Side C/D
42110000
** mechanical enclosure machining required
l = kept in stock
CA-170
530
175 x 80 x 57
Part number
117.0.0000.00
l
–
117.0.0090.00
117.0.0080.00
117.0.0100.00
117.0.0060.00
117.0.0160.00
982.3.0170.00
l
982.0.0140.00
l
–
–
–
–
980.1.0440.00
l
–
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
14
6440000
Side C/D
32100000
** mechanical enclosure machining required
l = kept in stock
CA-180
530
175 x 80 x 57
Part number
118.0.0000.00
l
–
118.0.0440.00
118.0.0080.00
118.0.0100.00
118.0.0060.00
118.0.0400.00
951.1.0060.00
l
982.0.0370.00
l
–
–
–
–
980.1.0440.00
l
–
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
14
6440000
Side C/D
42110000
** mechanical enclosure machining required
l = kept in stock
LID
BASE
LID
BASE
LID
BASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com