Electronic Components Datasheet Search
  English  ▼

X  

MAX3245EEUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3245EEUI
Description  ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3245EEUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3245EEUI Datasheet HTML 9Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 10Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 11Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 12Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 13Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 14Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 15Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 16Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
these pins against ESD of ±15kV without damage. The
ESD structures withstand high ESD in all states: normal
operation, shutdown, and powered down. After an ESD
event, Maxim’s E versions keep working without
latchup, whereas competing RS-232 products can
latch and must be powered down to remove latchup.
ESD protection can be tested in various ways; the
transmitter outputs and receiver inputs of this product
family are characterized for protection to the following
limits:
1) ±15kV using the Human Body Model
2) ±8kV using the Contact-Discharge Method specified
in IEC 1000-4-2
3) ±15kV using IEC 1000-4-2’s Air-Gap Method.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
Human Body Model
Figure 6a shows the Human Body Model and Figure 6b
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the test device
through a 1.5k
Ω resistor.
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 6b. Human Body Current Waveform
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 7b. IEC 1000-4-2 ESD Generator Current Waveform
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
Ω
RD 1500
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 6a. Human Body ESD Test Model
Figure 7a. IEC 1000-4-2 ESD Test Model
CHARGE CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC 50M
Ω to 100MΩ
RD 330
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Maxim Integrated
13
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com