Electronic Components Datasheet Search
  English  ▼

X  

MAX3245EEUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3245EEUI
Description  ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3245EEUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3245EEUI Datasheet HTML 1Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 2Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 3Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 4Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 5Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 6Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 7Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 8Page - Maxim Integrated Products MAX3245EEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, tested at 3.3V ±10%; C1 = 0.047µF, C2–C4 = 0.33µF, tested at 5.0V ±10%; TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
Ω
300
10M
Output Resistance
V
±5
±5.4
Output Voltage Swing
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Figure 4a
T1IN = T2IN = GND, T3IN = VCC,
T3OUT loaded with 3k
Ω to GND,
T1OUT and T2OUT loaded with
2.5mA each
s
15
30
60
t
AUTOSHDN
Receiver or Transmitter Edge to
Transmitters Shutdown
µs
100
tWU
Receiver or Transmitter Edge to
Transmitters Enabled
µs
30
tINVL
Receiver Positive or Negative
Threshold to INVALID Low
µs
1
tINVH
Receiver Positive or Negative
Threshold to INVALID High
V
VCC - 0.6
INVALID, READY
Output Voltage High
(MAX3224E–MAX3227E)
V
0.4
INVALID, READY
Output Voltage Low
(MAX3224E–MAX3227E)
V
-0.3
+0.3
Receiver Input Threshold to
INVALID Output Low
-2.7
V
2.7
Receiver Input Threshold to
INVALID Output High
±15
±8
R_IN, T_OUT
kV
±15
V
±5
Transmitter Output Voltage
µA
±25
Output Leakage Current
±60
mA
Output Short-Circuit Current
VCC = V+ = V- = 0V, transmitter outputs = ±2V
All transmitter outputs loaded with 3k
Ω to
ground
VCC = 5V, Figure 5b (Note 2)
VCC = 5V, Figure 5b (Note 2)
VCC = 5V, Figure 4b
VCC = 5V, Figure 4b
IOUT = -1.0mA
IOUT = -1.6mA
Figure 4a
Negative threshold
Positive threshold
Human Body Model
VCC = 0V or 3V to 5.5V, VOUT = ±12V,
Transmitters disabled
IEC 1000-4-2 Contact Discharge
IEC 1000-4-2 Air Discharge
TRANSMITTER OUTPUTS
MOUSE DRIVEABILITY (MAX3244E/MAX3245E)
ESD PROTECTION
AutoShutdown Plus (FORCEON = GND, FORCEOFF = VCC)
Maxim Integrated
3
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com