Electronic Components Datasheet Search
  English  ▼

X  

S2H Datasheet(PDF) 49 Page - Murata Manufacturing Co., Ltd.

Part # S2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

S2H Datasheet(HTML) 49 Page - Murata Manufacturing Co., Ltd.

Back Button S2H Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 237 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.33mm 50Vdc
C0G
7.6pF
±0.25pF GRM0335C1H7R6CA01#
±0.5pF
GRM0335C1H7R6DA01#
7.7pF
±0.05pF GRM0335C1H7R7WA01#
±0.1pF
GRM0335C1H7R7BA01#
±0.25pF GRM0335C1H7R7CA01#
±0.5pF
GRM0335C1H7R7DA01#
7.8pF
±0.05pF GRM0335C1H7R8WA01#
±0.1pF
GRM0335C1H7R8BA01#
±0.25pF GRM0335C1H7R8CA01#
±0.5pF
GRM0335C1H7R8DA01#
7.9pF
±0.05pF GRM0335C1H7R9WA01#
±0.1pF
GRM0335C1H7R9BA01#
±0.25pF GRM0335C1H7R9CA01#
±0.5pF
GRM0335C1H7R9DA01#
8.0pF
±0.05pF GRM0335C1H8R0WA01#
±0.1pF
GRM0335C1H8R0BA01#
±0.25pF GRM0335C1H8R0CA01#
±0.5pF
GRM0335C1H8R0DA01#
8.1pF
±0.05pF GRM0335C1H8R1WA01#
±0.1pF
GRM0335C1H8R1BA01#
±0.25pF GRM0335C1H8R1CA01#
±0.5pF
GRM0335C1H8R1DA01#
8.2pF
±0.05pF GRM0335C1H8R2WA01#
±0.1pF
GRM0335C1H8R2BA01#
±0.25pF GRM0335C1H8R2CA01#
±0.5pF
GRM0335C1H8R2DA01#
8.3pF
±0.05pF GRM0335C1H8R3WA01#
±0.1pF
GRM0335C1H8R3BA01#
±0.25pF GRM0335C1H8R3CA01#
±0.5pF
GRM0335C1H8R3DA01#
8.4pF
±0.05pF GRM0335C1H8R4WA01#
±0.1pF
GRM0335C1H8R4BA01#
±0.25pF GRM0335C1H8R4CA01#
±0.5pF
GRM0335C1H8R4DA01#
8.5pF
±0.05pF GRM0335C1H8R5WA01#
±0.1pF
GRM0335C1H8R5BA01#
±0.25pF GRM0335C1H8R5CA01#
±0.5pF
GRM0335C1H8R5DA01#
8.6pF
±0.05pF GRM0335C1H8R6WA01#
±0.1pF
GRM0335C1H8R6BA01#
±0.25pF GRM0335C1H8R6CA01#
±0.5pF
GRM0335C1H8R6DA01#
8.7pF
±0.05pF GRM0335C1H8R7WA01#
±0.1pF
GRM0335C1H8R7BA01#
±0.25pF GRM0335C1H8R7CA01#
±0.5pF
GRM0335C1H8R7DA01#
8.8pF
±0.05pF GRM0335C1H8R8WA01#
±0.1pF
GRM0335C1H8R8BA01#
±0.25pF GRM0335C1H8R8CA01#
±0.5pF
GRM0335C1H8R8DA01#
8.9pF
±0.05pF GRM0335C1H8R9WA01#
±0.1pF
GRM0335C1H8R9BA01#
±0.25pF GRM0335C1H8R9CA01#
±0.5pF
GRM0335C1H8R9DA01#
GRM Series Temperature Compensating Type Part Number List
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.33mm 50Vdc
C0G
9.0pF
±0.05pF GRM0335C1H9R0WA01#
±0.1pF
GRM0335C1H9R0BA01#
±0.25pF GRM0335C1H9R0CA01#
±0.5pF
GRM0335C1H9R0DA01#
9.1pF
±0.05pF GRM0335C1H9R1WA01#
±0.1pF
GRM0335C1H9R1BA01#
±0.25pF GRM0335C1H9R1CA01#
±0.5pF
GRM0335C1H9R1DA01#
9.2pF
±0.05pF GRM0335C1H9R2WA01#
±0.1pF
GRM0335C1H9R2BA01#
±0.25pF GRM0335C1H9R2CA01#
±0.5pF
GRM0335C1H9R2DA01#
9.3pF
±0.05pF GRM0335C1H9R3WA01#
±0.1pF
GRM0335C1H9R3BA01#
±0.25pF GRM0335C1H9R3CA01#
±0.5pF
GRM0335C1H9R3DA01#
9.4pF
±0.05pF GRM0335C1H9R4WA01#
±0.1pF
GRM0335C1H9R4BA01#
±0.25pF GRM0335C1H9R4CA01#
±0.5pF
GRM0335C1H9R4DA01#
9.5pF
±0.05pF GRM0335C1H9R5WA01#
±0.1pF
GRM0335C1H9R5BA01#
±0.25pF GRM0335C1H9R5CA01#
±0.5pF
GRM0335C1H9R5DA01#
9.6pF
±0.05pF GRM0335C1H9R6WA01#
±0.1pF
GRM0335C1H9R6BA01#
±0.25pF GRM0335C1H9R6CA01#
±0.5pF
GRM0335C1H9R6DA01#
9.7pF
±0.05pF GRM0335C1H9R7WA01#
±0.1pF
GRM0335C1H9R7BA01#
±0.25pF GRM0335C1H9R7CA01#
±0.5pF
GRM0335C1H9R7DA01#
9.8pF
±0.05pF GRM0335C1H9R8WA01#
±0.1pF
GRM0335C1H9R8BA01#
±0.25pF GRM0335C1H9R8CA01#
±0.5pF
GRM0335C1H9R8DA01#
9.9pF
±0.05pF GRM0335C1H9R9WA01#
±0.1pF
GRM0335C1H9R9BA01#
±0.25pF GRM0335C1H9R9CA01#
±0.5pF
GRM0335C1H9R9DA01#
10pF
±2%
GRM0335C1H100GA01#
±5%
GRM0335C1H100JA01#
12pF
±2%
GRM0335C1H120GA01#
±5%
GRM0335C1H120JA01#
15pF
±2%
GRM0335C1H150GA01#
±5%
GRM0335C1H150JA01#
18pF
±2%
GRM0335C1H180GA01#
±5%
GRM0335C1H180JA01#
22pF
±2%
GRM0335C1H220GA01#
±5%
GRM0335C1H220JA01#
27pF
±2%
GRM0335C1H270GA01#
±5%
GRM0335C1H270JA01#
33pF
±2%
GRM0335C1H330GA01#
±5%
GRM0335C1H330JA01#
(
→ c 0.6×0.3mm)
C02E.pdf
Oct.1,2012
31
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com