Electronic Components Datasheet Search
  English  ▼

X  

S2H Datasheet(PDF) 32 Page - Murata Manufacturing Co., Ltd.

Part # S2H
Description  Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

S2H Datasheet(HTML) 32 Page - Murata Manufacturing Co., Ltd.

Back Button S2H Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. S2H Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 237 page
background image
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
1.0μF
2.2μF
4.7μF
6.8μF
10μF
15μF
22μF
33μF
47μF
X5R
25
2
3.5×1.7
X7R
100
X7R
50
X6S
25
X7R
50
X7R
100
X7R
100
X7R
63
X7R
50
X7R
25
X7R
100
X7R
63
X7R
50
X7R
25
X7R
100
X7R
25
X7R
100
X7R
63
X7R
50
X7R
25
2.9
2.9
2.9
3
3.9
5
6.7
3.6×
1.7
3.7×
1.7
6.1×5.3
0.1μF
0.15μF
0.22μF
0.27μF
0.47μF
0.56μF
1.0μF
1.2μF
2.2μF
X7T
630
X7T
450
X7T
250
X7T
630
X7T
450
X7T
250
X7T
450
X7T
630
X7T
450
X7T
250
3
6.1×5.3
3.9
5
6.7
p200
p200
p200
p200
p200 p200
p200 p200 p200
p200
p200
p200 p200
p200
p200
p200
p200
p200 p200
p200
p204
p204
p204
p204 p204
p204
p204
p204
p204 p204
p204
p204
p204
p204
X5R
X6S
X7R
X7T
Capacitance Table
c KRM Series High Dielectric Constant Type
c KR3 Series High Dielectric Constant Type
p00
← Part Number List
EIA:
p00
← Part Number List
EIA:
C02E.pdf
Oct.1,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
14
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com